データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY133 データシート(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

部品番号 BY133
部品情報  1.0AMP. HIGH VOLTAGE SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
ホームページ  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BY133 データシート(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  BY133 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 235 -
BY133 THRU EM520
1.0AMP. HIGH VOLTAGE SILICON RECTIFIER
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High voltage
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
BY133
EM513
EM516
EM520
units
Maximum Recurrent Peak Reverse Voltage
VRRM
1300
1600
1800
2000
V
Maximum RMS Voltage
VRMS
910
1120
1260
1400
V
Maximum DC blocking Voltage
VDC
1300
1600
1800
2000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous forward Voltage at 1.0A
DC
VF
1.1
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
µA
500
Maximum Full Load Reverse Current Average,
Full Cycle .375”(9.5mm) lead length at TL=75°C
30
Typical Junction Capacitance (Note1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C/W
Storage Temperature Range
TSTG
-55 to +150
°C
Operation Temperature Range
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


同様の部品番号 - BY133

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
List of Unclassifed Man...
BY133 ETC2-BY133 Datasheet
172Kb / 2P
   High reverse voltage
BY133 ETC2-BY133 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Diotec Semiconductor
BY133 DIOTEC-BY133 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Shenzhen Ping Sheng Ele...
BY133 PFS-BY133 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

同様の説明 - BY133

メーカー部品番号データシート部品情報
logo
Chongqing Pingwei Enter...
UF4001 CHONGQING-UF4001_16 Datasheet
193Kb / 1P
   1.0AMP. SILICON ULTRA FAST RECTIFIER
logo
DIYI Electronic Technol...
M1-M7 DYELEC-M1-M7 Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT PLASTIC SILICON RECTIFIER
U1A DYELEC-U1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1A DYELEC-US1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
U1AU DYELEC-U1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1AU DYELEC-US1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
HER101 CHONGQING-HER101_16 Datasheet
193Kb / 1P
   1.0AMP. HIGH EFFICIENCY PLASTIC RECTIFIER
HS1A CHONGQING-HS1A Datasheet
199Kb / 1P
   1.0AMP. HIGH EFFICIENCY PLASTIC RECTIFIER
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
1N4001 CHONGQING-1N4001_16 Datasheet
177Kb / 1P
   1.0AMP . SILICON RECTIFIERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com