データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1G データシート(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

部品番号 GS1G
部品情報  1.0AMP.GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
ホームページ  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

GS1G データシート(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  GS1G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 369 -
GS1A THRU GS1M
1.0AMP.GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed:
260℃/10 seconds at terminals.
.
For surface mounted application.
.
Easy pick and place.
MECHANICAL DATA
.
Case: Molded plastic
.
Epoxy: UL94V-0 rate flame retardant
.
Lead: MIL-STD- 202E, Method 208 guaranteed
.
Polarity:Color band denotes cathode end
.
Packaging:12mm tape per EIA STD RS-481
.
Mounting position: Any
SMA(DO-214AC)
NO
Fig1(mm)
Fig2(mm)
A
1.9~2.4
1.98~2.3
B
1.2~1.8
1.35~1.6
C
0.23MAX
0.2MAX
D
2.4~2.9
2.4~2.9
E
3.8~4.6
3.8~4.6
F
0.8~1.8
0.8~1.8
G
4.8~5.8
4.8~5.8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL GS1A GS1B GS1D GS1G GS1J GS1K GS1M units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA=55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load (JEDEC
method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
1.0
V
Maximum Forward Voltage at 3.0A DC
VF
1.3
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =125°C
IR
5.0
100.0
µA
Typical Junction Capacitance (Note1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C /W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas.
Fig2: SMA/DO-214AC
FOR GLASS PASSIVATED DICE PACKAGING OUTLINE
FOR OPEN JUNCTION DICE PACKAGING OUTLINE
Fig1: SMA/DO-214AC*


同様の部品番号 - GS1G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
GS1G PANJIT-GS1G Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
CHENG-YI ELECTRONIC CO....
GS1G CHENG-YI-GS1G Datasheet
112Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Yangzhou yangjie electr...
GS1G YANGJIE-GS1G Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Surge Components
GS1G SURGE-GS1G Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Taiwan Semiconductor Co...
GS1G TSC-GS1G Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
More results

同様の説明 - GS1G

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
   Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
DACO SEMICONDUCTOR CO.,...
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM1A DACO-SM1A Datasheet
153Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com