データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA33CP10 データシート(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 SDA33CP10
部品情報  LOW CAPACITANCE TVS DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SDA33CP10 データシート(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SDA33CP10 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA33CP10 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA33CP10 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDA33CP10
LOW CAPACITANCE TVS DIODE ARRAY
Features
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SLP2510P8
Pin Configuration
Mechanical Characteristics
Package: SLP2510P8
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
200
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
± 8
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150


同様の部品番号 - SDA33CP10

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA3302 SIEMENS-SDA3302 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA3302-5 SIEMENS-SDA3302-5 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA3302-5X SIEMENS-SDA3302-5X Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA3302-5X6 SIEMENS-SDA3302-5X6 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
logo
Shanghai Leiditech Elec...
SDA3311CDN LEIDITECH-SDA3311CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
More results

同様の説明 - SDA33CP10

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com