データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TMP06AKS-REEL データシート(Datasheet) 6 Page - Analog Devices

部品番号. TMP06AKS-REEL
部品情報  ±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70
ダウンロード  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

 6 page
background image
TMP05/TMP06
Rev. 0 | Page 6 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TMP05 OUTPUT (PUSH-PULL)4
Output High Voltage, VOH
VDD − 0.3
V
IOH = 800 µA
Output Low Voltage, VOL
0.4
V
IOL = 800 µA
Output High Current, IOUT5
2
mA
Typ VOH = 3.17 V with VDD = 3.3 V
Pin Capacitance
10
pF
Rise Time,6 tLH
50
ns
Fall Time,6 tHL
50
ns
RON Resistance (Low Output)
55
Supply and temperature dependent
TMP06 OUTPUT (OPEN DRAIN)4
Output Low Voltage, VOL
0.4
V
IOL = 1.6 mA
Output Low Voltage, VOL
1.2
V
IOL = 5.0 mA
Pin Capacitance
10
pF
High Output Leakage Current, IOH
0.1
5
µA
PWMOUT = 5.5 V
Device Turn-On Time
20
ms
Fall Time,7 tHL
30
ns
DIGITAL INPUTS4
Input Current
±1
µA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.3 × VDD
V
Input High Voltage, VIH
0.7 × VDD
V
Pin Capacitance
3
10
pF
1 The accuracy specifications for 3.0 V to 3.6 V supply range are specified to 3-sigma performance. See
.
Figure 22
2 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
3 Normal mode current relates to current during TL. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH.
4 Guaranteed by design and characterization, not production tested.
5 It is advisable to restrict the current being pulled from the TMP05 output, because any excess currents going through the die cause self-heating. As a consequence,
false temperature readings can occur.
6 Test load circuit is 100 pF to GND.
7 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LM89±0.75°C Accurate Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
SA56004X1 Degrees Celcious accurate SMBus-compatible 8-pin remote/local digital temperature sensor with over temperature alarms 1 2 3 4 5 MoreNXP Semiconductors
LM64±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO’s 1 2 3 4 5 MoreNational Semiconductor (TI)
TMP1211.5C Accurate Digital Temperature Sensor with SPI Interface 1 2 3 4 5 MoreBurr-Brown (TI)
LM76±0.5°C ±1°C 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
DS6000.5 Accurate Analog-Output Temperature Sensor 1 2 3 4 Maxim Integrated Products
LM903 Degree Celcious Accurate Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
LM86±0.75°C Accurate Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
ADT7302±2°C Accurate MicroPower Digital Temperature Sensor in 6-Lead SOT-23 1 2 3 4 5 MoreAnalog Devices
LM92±0.33°C Accurate 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor (TI)