データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP06BKS-REEL7 データシート(PDF) 11 Page - Analog Devices

部品番号 TMP06BKS-REEL7
部品情報  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

TMP06BKS-REEL7 データシート(HTML) 11 Page - Analog Devices

Back Button TMP06BKS-REEL7 Datasheet HTML 7Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 8Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 9Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 10Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 11Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 12Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 13Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 14Page - Analog Devices TMP06BKS-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 11 of 28
2000
1800
1600
1400
1200
1000
800
600
400
200
0
0
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
CAPACTIVE LOAD (pF)
VDD = 3.3V
RISE TIME
FALL TIME
Figure 12. TMP05 Output Rise and Fall Times vs. Capacitive Load
250
200
150
100
50
0
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
ILOAD = 5mA
ILOAD = 1mA
ILOAD = 0.5mA
Figure 13. TMP06 Output Low Voltage vs. Temperature
35
30
25
20
15
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
Figure 14. TMP06 Open Drain Sink Current vs. Temperature
1.25
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VDD = 3.3V
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
Figure 15. Output Accuracy vs. Temperature
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
°C)
VDD = 3.3V
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
NO LOAD ON OUT PIN
Figure 16. Supply Current vs. Temperature
255
250
245
240
235
230
225
220
215
2.7
5.7
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
3.0
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE = 25
°C
CONTINUOUS MODE OPERATION
NOMINAL CONVERSION RATE
NO LOAD ON OUT PIN
Figure 17. Supply Current vs. Supply Voltage


同様の部品番号 - TMP06BKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

同様の説明 - TMP06BKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com