データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4551B データシート(PDF) 10 Page - Rohm

部品番号 BU4551B
部品情報  Quad 2ch Analog Multiplexer/Demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU4551B データシート(HTML) 10 Page - Rohm

Back Button BU4551B_15 Datasheet HTML 6Page - Rohm BU4551B_15 Datasheet HTML 7Page - Rohm BU4551B_15 Datasheet HTML 8Page - Rohm BU4551B_15 Datasheet HTML 9Page - Rohm BU4551B_15 Datasheet HTML 10Page - Rohm BU4551B_15 Datasheet HTML 11Page - Rohm BU4551B_15 Datasheet HTML 12Page - Rohm BU4551B_15 Datasheet HTML 13Page - Rohm BU4551B_15 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/16
TSZ02201-0RDR0GZ00310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4551B BU4551BF BU4551BFV
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC’s power
supply pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the
digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog
block. Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and
aging on the capacitance value when using electrolytic capacitors.
3.
Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal
ground caused by large currents. Also ensure that the ground traces of external components do not cause variations
on the ground voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5.
Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in
deterioration of the properties of the chip. The absolute maximum rating of the Pd stated in this specification is when
the IC is mounted on a 70mm x 70mm x 1.6mm glass epoxy board. In case of exceeding this absolute maximum
rating, increase the board size and copper area to prevent exceeding the Pd rating.
6.
Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately
obtained. The electrical characteristics are guaranteed under the conditions of each parameter.
7.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush
current may flow instantaneously due to the internal powering sequence and delays, especially if the IC
has more than one power supply. Therefore, give special consideration to power coupling capacitance,
power wiring, width of ground wiring, and routing of connections.
8.
Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
9.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may
subject the IC to stress. Always discharge capacitors completely after each process or step. The IC’s power supply
should always be turned off completely before connecting or removing it from the test setup during the inspection
process. To prevent damage from static discharge, ground the IC during assembly and use similar precautions during
transport and storage.
10. Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment)
and unintentional solder bridge deposited in between pins during assembly to name a few.


同様の部品番号 - BU4551B_15

メーカー部品番号データシート部品情報
logo
Rohm
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551BF ROHM-BU4551BF Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
BU4551BF ROHM-BU4551BF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BF ROHM-BU4551BF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

同様の説明 - BU4551B_15

メーカー部品番号データシート部品情報
logo
Rohm
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com