データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S25FL256S データシート(PDF) 14 Page - Cypress Semiconductor

部品番号 S25FL256S
部品情報  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256S データシート(HTML) 14 Page - Cypress Semiconductor

Back Button S25FL256S Datasheet HTML 10Page - Cypress Semiconductor S25FL256S Datasheet HTML 11Page - Cypress Semiconductor S25FL256S Datasheet HTML 12Page - Cypress Semiconductor S25FL256S Datasheet HTML 13Page - Cypress Semiconductor S25FL256S Datasheet HTML 14Page - Cypress Semiconductor S25FL256S Datasheet HTML 15Page - Cypress Semiconductor S25FL256S Datasheet HTML 16Page - Cypress Semiconductor S25FL256S Datasheet HTML 17Page - Cypress Semiconductor S25FL256S Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 149 page
background image
Document Number: 001-98283 Rev. *J
Page 14 of 149
S25FL128S/S25FL256S
3.2
Command Protocol
All communication between the host system and S25FL128S and S25FL256S memory devices is in the form of units called
commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be performed. Commands
may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the memory. All
instruction, address, and data information is transferred serially between the host system and memory device.
All instructions are transferred from host to memory as a single bit serial sequence on the SI signal.
Single bit wide commands may provide an address or data sent only on the SI signal. Data may be sent back to the host serially on
the SO signal.
Dual or Quad Output commands provide an address sent to the memory only on the SI signal. Data will be returned to the host as a
sequence of bit pairs on IO0 and IO1 or four bit (nibble) groups on IO0, IO1, IO2, and IO3.
Dual or Quad Input/Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3.
Commands are structured as follows:
Each command begins with CS# going low and ends with CS# returning high. The memory device is selected by the host
driving the Chip Select (CS#) signal low throughout a command.
The serial clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
Each command begins with an eight bit (byte) instruction. The instruction is always presented only as a single bit serial
sequence on the Serial Input (SI) signal with one bit transferred to the memory device on each SCK rising edge. The
instruction selects the type of information transfer or device operation to be performed.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address
spaces in the device. The instruction determines the address space used. The address may be either a 24-bit or a 32-bit
byte boundary, address. The address transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in
DDR commands.
The width of all transfers following the instruction are determined by the instruction sent. Following transfers may continue
to be single bit serial on only the SI or Serial Output (SO) signals, they may be done in two bit groups per (dual) transfer on
the IO0 and IO1 signals, or they may be done in 4 bit groups per (quad) transfer on the IO0-IO3 signals. Within the dual or
quad groups the least significant bit is on IO0. More significant bits are placed in significance order on each higher
numbered IO signal. SIngle bits or parallel bit groups are transferred in most to least significant bit order.
Some instructions send an instruction modifier called mode bits, following the address, to indicate that the next command
will be of the same type with an implied, rather than an explicit, instruction. The next command thus does not provide an
instruction byte, only a new address and mode bits. This reduces the time needed to send each command when the same
command type is repeated in a sequence of commands. The mode bit transfers occur on SCK rising edge, in SDR
commands, or on every SCK edge, in DDR commands.
The address or mode bits may be followed by write data to be stored in the memory device or by a read latency period
before read data is returned to the host.
Write data bit transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
SCK continues to toggle during any read access latency period. The latency may be zero to several SCK cycles (also
referred to as dummy cycles). At the end of the read latency cycles, the first read data bits are driven from the outputs on
SCK falling edge at the end of the last read latency cycle. The first read data bits are considered transferred to the host on
the following SCK rising edge. Each following transfer occurs on the next SCK rising edge, in SDR commands, or on every
SCK edge, in DDR commands.
If the command returns read data to the host, the device continues sending data transfers until the host takes the CS#
signal high. The CS# signal can be driven high after any transfer in the read data sequence. This will terminate the
command.
At the end of a command that does not return data, the host drives the CS# input high. The CS# signal must go high after
the eighth bit, of a stand alone instruction or, of the last write data byte that is transferred. That is, the CS# signal must be
driven high when the number of clock cycles after CS# signal was driven low is an exact multiple of eight cycles. If the CS#


同様の部品番号 - S25FL256S

メーカー部品番号データシート部品情報
logo
SPANSION
S25FL256S SPANSION-S25FL256S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256S SPANSION-S25FL256S Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBFI001 SPANSION-S25FL256SAGBFI001 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBFIG11 SPANSION-S25FL256SAGBFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGBHIG13 SPANSION-S25FL256SAGBHIG13 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results

同様の説明 - S25FL256S

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
   2-Gbit (256-Mbyte) 3.0V Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com