データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP2189-PCB2140S データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 FP2189-PCB2140S
部品情報  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FP2189-PCB2140S データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  FP2189-PCB2140S Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Application Circuit: 2110 – 2170 MHz
Typical Specifications
Frequency
2110
2140
2170
S21 - Gain
13.9
13.8
13.7
S11 - Input R.L.
-27
-23
-20
S22 - Output R.L.
-8
-9
-10
Output P1dB
+31.4
+31.4
+31.4
Output IP3
+44.5
+45.5
+43.2
Noise Figure
4.5
4.5
4.5
Vdd
+ 8 V
Idq
1
250 mA
1 I
dq is the quiescent current at small signal output levels. The current typically
increases up to 320 mA at the 1-dB compression point.
S-Parameters vs Frequency
-30
-20
-10
0
10
2000
2050
2100
2150
2200
2250
2300
Frequency (MHz)
8
10
12
14
16
S21
S11
S22
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The layout of this circuit can be downloaded from the website.
Ref. Designator
Length on .014”
GETEK
TM (mil)
Electrical length @
2140 MHz (deg)
Z1
150
17.3
Z2
15
1.7
Z3
100
11.5
Z4
50
5.8
Z5
225
25.9
The lengths are measured from the component edge-to-edge.
All microstrip lines have a line impedance of 50 Ω.
Ref. Designator
Value
Part style
Size
C1
1.8 pF
AVX 06035J1R8AAWTR
0603
C3, C7, C9
22 pF
5% 50V, NPO/COG
0603
C4
1.5 pF
AVX 06035J1R5AAWTR
0603
C5
1.2 pF
AVX 06035J1R2AAWTR
0603
C6
1000 pF
5% 50V, NPO/COG
0603
C8
0.1 µF
10%, 50V, X7R
1206
R1
10 Ω
1/16 W, 5%
0603
R2
6.2 Ω
1/16 W, 5%
0603
L1
18 nH
TOKO LL1608-FH18NJ
0603
L2
5.6 nH
TOKO LL1608-FH5N6S
0603
All other parts are No Loads.
Total unique parts count: 10
C3 is of size 0805 on the app board so that it would fit in the 1206 pad.
Vdd
+ 8 V @ 250 mA
RF OUT
RF IN
C1
1.8 pF
-Vgg
Z1
FP2189
Sot-89
PIN 1 PIN 3
PIN 2,4
Z2
Z4
Z5
C4
1.5 pF
L1
5.6 nH
R1
10 Ω
C4
22 pF
R2
5.1 Ω
C5
1.2 pF
C9
22 pF
L2
18 nH
C7
22 pF
C6
1000 pF
C8
0.1 µF
Z3


同様の部品番号 - FP2189-PCB2140S

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
FP2189-PCB2140S WJCI-FP2189-PCB2140S Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189-PCB2140S WJCI-FP2189-PCB2140S Datasheet
610Kb / 12P
   1-Watt HFET
More results

同様の説明 - FP2189-PCB2140S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
RFHIC
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
   drive or pre-drive amplifier designed in a low cost SOT-89 package
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
   drive or pre-drive amplifier designed in a low cost SOT-89 package.
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com