データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM126H データシート(PDF) 1 Page - American Microsemiconductor

部品番号 LM126H
部品情報  Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMMSEMI [American Microsemiconductor]
ホームページ  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

LM126H データシート(HTML) 1 Page - American Microsemiconductor

  LM126H Datasheet HTML 1Page - American Microsemiconductor LM126H Datasheet HTML 2Page - American Microsemiconductor LM126H Datasheet HTML 3Page - American Microsemiconductor LM126H Datasheet HTML 4Page - American Microsemiconductor LM126H Datasheet HTML 5Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM126H
Voltage Regulator
© 2014 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 5
Revised 06/2013
ABSTRACT
LM126H dual polarity tracking regulators designed to provide
balanced positive and negative output voltages at current up to
100mA, the devices are set for ±15V and ±12V outputs
respectively. Input voltages up to ±30V can be used and there
is provision for adjustable current limiting. These devices are
available in two package types to accommodate various power
requirements and temperature ranges. The LM126H comes in
a metal can package.
Representation only
±15V and ±12V tracking outputs
Output current to 100 mA
Line and load regulation of 0.06%
Internal thermal overload protection
Standby current drain of 3 mA
Externally adjustable current limit
Internal current limit
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Input Voltage
±30V
Forced VO+ (Min)
-0.5V
Forced VO- (Max)
+0.5V
Power Dissipation
Internally Limited
Output Short-Circuit Duration
Continuous
OPERATING CONDITIONS
Typ. Operating Temp Range
-55°C to +125°C
Typ. Storage Temp. Range
-65°C to +150°C
Lead Temperature (soldering, 10sec.) 300°C
PIN CONFIGURATION
FEATURES


同様の部品番号 - LM126H

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126H NSC-LM126H Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
More results

同様の説明 - LM126H

メーカー部品番号データシート部品情報
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com