データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDD860 データシート(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 SDD860
部品情報  Built Strain Relief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDD860 データシート(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDD860 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDD860 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDD860 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDD860 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1654, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDD860
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SDD860
Unit
Maximum Peak Repetitive Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VR
600
V
Maximum RMS Voltage
VRMS
420
Maximum Average Forward Rectified Current
0.375”(9.5mm) Lead Length @TC = 105°C
I(AV)
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
80
A
Maximum Instantaneous Forward Voltage @IF = 8.0A
VF
1.1
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IR
5
uA
Maximum Thermal Resistance Junction to Case
RθJC
5
°C/W
Operating Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Case Style
DPAK


同様の部品番号 - SDD860

メーカー部品番号データシート部品情報
logo
Solid State Optronic
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
   DC Input Optocoupler
More results

同様の説明 - SDD860

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
   Strain Relief
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com