データシートサーチシステム |
|
SM4T33CA データシート(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SM4T33CA データシート(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 4 page www.sunmate.tw SM4T6.8A(CA) - SM4T440A(CA) Maximum Ratings @ TA = 25°C unless otherwise specified Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA =25°C) (Note 1) PPK 400 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3) IFSM 40 A Instantaneous Forward Voltage @ IPP = 35A (Notes 1, 2, & 3) VF 3.5 V Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Notes: 1. Valid provided that terminals are kept at ambient temperature. 2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. 3. Unidirectional units only. Characteristic Symbol Value Unit VOLTAGE RANGE: 6.8 - 440 V POWER: 400Wa t t s Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Material: UL Flammability Classification Rating 94V-0 Features ! ! ! ! ! 1 of 4 Case: SMA/DO-214AC, Molded Plastic ! ! Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band or Cathode Notch ! Marking: Type Number ! Weight: 0.064 grams (approx.) Mechanical Data A B C D G H E J Dim MinMax A 2.29 2.92 B 4.00 4.60 C 1.27 1.63 D 0.15 0.31 E 4.80 5.59 G 0.10 0.20 H 0.76 1.52 J 2.01 2.62 All Dimensions in mm SMA(DO-214AC) SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE |
同様の部品番号 - SM4T33CA |
|
同様の説明 - SM4T33CA |