データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM416S4030CT-F10 データシート(PDF) 5 Page - Samsung semiconductor

部品番号 KM416S4030CT-F10
部品情報  1M x 16Bit x 4 Banks Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S4030CT-F10 データシート(HTML) 5 Page - Samsung semiconductor

  KM416S4030CT-F10 Datasheet HTML 1Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 2Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 3Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 4Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 5Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 6Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 7Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 8Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
KM416S4030C
REV. 2 June '98
CMOS SDRAM
Preliminary
1. Measured with outputs open.
2. Refresh period is 64ms.
3. KM416S4030CT-G**
4. KM416S4030CT-F**
Notes :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, T
A
= 0 to 70
°C)
Parameter
Symbol
Test Condition
CAS
Latency
Version
Unit
Note
-7
-8
-H
-L
-10
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IOL = 0 mA
75
75
70
70
65
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 15ns
1
mA
ICC2PS CKE & CLK
≤ VIL(max), tCC = ∞
1
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
12
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
6
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 15ns
2
mA
ICC3PS CKE & CLK
≤ VIL(max), tCC = ∞
2
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
20
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
mA
Operating current
(Burst mode)
ICC4
IOL = 0 mA
Page burst
2Banks activated
tCCD = 2CLKs
3
130
115
90
90
90
mA
1
2
90
90
90
85
85
Refresh current
ICC5
tRC
≥ tRC(min)
125
110
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
1
mA
3
450
uA
4


同様の部品番号 - KM416S4030CT-F10

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G7 SAMSUNG-KM416S1021CT-G7 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G8 SAMSUNG-KM416S1021CT-G8 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-GS SAMSUNG-KM416S1021CT-GS Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

同様の説明 - KM416S4030CT-F10

メーカー部品番号データシート部品情報
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com