データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF2080C データシート(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 STF2080C
部品情報  Guard ring for enhanced ruggedness and long term reliability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF2080C データシート(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF2080C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2080C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2080C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2080C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2080C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2080C Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1556, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
ST2080C
STB2080C
STF2080C
Marking Diagram:
Where XXXXX is YYWWL
ST
= Device Type
B/F
= Package type
20
= Forward Current (20A)
80
= Reverse Voltage (80V)
C
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
ST2080C
STB2080C
STF2080C
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
ST2080C
TO-220AB(Pb-Free)
50pcs / tube
STB2080C
D²PAK(Pb-Free)
800pcs / reel
STF2080C
ITO-220AB(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
80
V
Average Forward Current
IF(AV)
50% duty cycle @TC =125°C,
rectangular wave form
20
A
Peak One Cycle
Non-Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
100
A


同様の部品番号 - STF2080C

メーカー部品番号データシート部品情報
logo
SMC Diode Solutions Co....
STF2080C SMCDIODE-STF2080C Datasheet
371Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
More results

同様の説明 - STF2080C

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
   Guard ring for enhanced ruggedness and long term reliability
STF10200LC SMC-STF10200LC Datasheet
170Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
logo
Vishay Siliconix
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF Datasheet
173Kb / 7P
   Guard ring for enhanced ruggedness and long term reliability
Revision: 31-Aug-11
logo
Sangdest Microelectroni...
MBRF20100 SMC-MBRF20100 Datasheet
146Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
125NQ015 SMC-125NQ015 Datasheet
211Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
ST5100BAX SMC-ST5100BAX Datasheet
115Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
ST5200BAX SMC-ST5200BAX Datasheet
160Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com