データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4T33CA データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 SM4T33CA
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM4T33CA データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM4T33CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM4T33CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM4T33CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM4T33CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM4T6.8
2 of 4
1.0
1.0
1.0
1.0
43.6
40.8
41.3
38.1
36.8
34.8
33.3
31.6
30.8
29.1
28.2
26.8
25.6
24.3
23.1
20.5
19.4
18.8
17.8
17.1
16.2
15.3
14.5
13.6
12.9
12.8
12.1
11.1
10.2
9.72
8.92
8.55
10.8
38.0
1000.0
10.5
40.0
1000.0
12.5
33.0
200.0
10
12.1
35.0
200.0
13.8
30.0
13.4
31.0
50.0
8.10
9.00
11.0
1.0
15.0
28.0
10.0
9.50
10.5
1.0
14.5
29.0
10.0
9.90
12.1
1.0
16.2
26.0
5.0
15.6
27.0
5.0
10.8
13.2
1.0
17.3
24.0
5.0
11.4
12.6
1.0
16.7
25.0
5.0
10.5
11.7
14.3
1.0
19.0
22.0
5.0
12.4
13.7
18.2
23.0
5.0
13.5
16.5
1.0
22.0
19.0
5.0
14.3
15.8
1.0
21.2
20.0
5.0
14.4
17.6
1.0
23.5
18.0
5.0
15.2
16.8
1.0
22.5
19.0
5.0
16.2
19.8
1.0
26.5
16.0
5.0
17.1
18.9
1.0
25.2
17.0
5.0
18.0
22.0
1.0
29.1
14.0
5.0
19.0
21.0
1.0
27.7
15.0
19.8
24.2
1.0
31.9
13.0
5.0
20.9
23.1
1.0
30.6
14.0
5.0
21.6
26.4
1.0
34.7
12.0
5.0
22.8
25.2
1.0
33.2
13.0
5.0
21.8
24.3
29.7
1.0
39.1
11.0
5.0
25.7
28.4
1.0
37.5
11.2
5.0
27.0
33.0
1.0
43.5
10.0
5.0
28.5
31.5
1.0
41.4
10.0
5.0
29.7
36.3
1.0
47.7
9.0
5.0
31.4
34.7
1.0
45.7
9.0
5.0
32.4
39.6
1.0
52.0
8.0
5.0
34.2
37.8
1.0
49.9
8.4
5.0
35.1
42.9
1.0
56.4
7.4
5.0
37.1
41.0
1.0
53.9
7.8
5.0
38.7
47.3
1.0
61.9
6.8
40.9
45.2
1.0
59.3
7.1
5.0
42.3
51.7
1.0
67.8
6.2
5.0
44.7
49.4
1.0
64.8
5.0
5.0
45.9
56.1
1.0
73.5
5.7
5.0
48.5
53.6
1.0
70.1
6.0
5.0
TYPE
SM4T6.8C
SM4T6.8A
SM4T6.8CA
SM4T7.5A
SM4T7.5CA
SM4T13A
SM4T13CA
SM4T16A
SM4T16CA
SM4T18
SM4T18C
SM4T20A
SM4T20CA
SM4T22
SM4T22C
SM4T30
SM4T30C
SM4T33
SM4T33C
SM4T36A
SM4T36CA
SM4T39A
SM4T39CA
SM4T47A
SM4T47CA
SM4T51CA
SM4T51A
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
(Uni)
(Bi)
500.0
200.0
5.0
5.0
www.sunmate.tw
SM4T7.5
SM4T7.5C
SM4T8.2
SM4T8.2C
SM4T8.2A
SM4T8.2CA
SM4T9.1
SM4T9.1C
SM4T9.1A
SM4T9.1CA
SM4T10
SM4T10C
SM4T10A
SM4T10CA
SM4T11
SM4T11C
SM4T11A
SM4T11CA
SM4T12
SM4T12C
SM4T12A
SM4T12CA
SM4T13
SM4T13C
SM4T15
SM4T15C
SM4T15A
SM4T15CA
SM4T16
SM4T16C
SM4T18A
SM4T18CA
SM4T20
SM4T20C
SM4T22A
SM4T22CA
SM4T24
SM4T24C
SM4T24A
SM4T24CA
SM4T27
SM4T27C
SM4T27A
SM4T27CA
SM4T30A
SM4T30CA
SM4T33A
SM4T33CA
SM4T36
SM4T36C
SM4T39
SM4T39C
SM4T43
SM4T43C
SM4T43A
SM4T43CA
SM4T47
SM4T47C
SM4T51
SM4T51C
9.40
10.5
11.6
5.50
6.12
7.48
10
5.80
6.45
7.14
10
6.05
6.75
8.25
10
11.7
36.0
500.0
6.40
7.13
7.88
10
11.3
37.0
7.02
7.79
8.61
7.37
8.19
10.0
7.78
8.65
9.55
6.63
7.38
9.02
10


同様の部品番号 - SM4T33CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM4T33CA STMICROELECTRONICS-SM4T33CA Datasheet
126Kb / 7P
   TRANSIL
logo
SUNMATE electronic Co.,...
SM4T33CA SUNMATE-SM4T33CA Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
STMicroelectronics
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

同様の説明 - SM4T33CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com