データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBZ5V6ALT1 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MMBZ5V6ALT1
部品情報  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5V6ALT1 データシート(HTML) 4 Page - ON Semiconductor

  MMBZ5V6ALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMBZ5V6ALT1 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
−40
+ 50
18
Figure 1. Typical Breakdown Voltage
versus Temperature
(Upper curve for each voltage is bidirectional mode,
lower curve is unidirectional mode)
0
TEMPERATURE (
°C)
+ 100
+ 150
15
12
9
6
3
0
−40
+ 25
1000
Figure 2. Typical Leakage Current
versus Temperature
TEMPERATURE (
°C)
+ 85
+ 125
100
10
1
0.1
0.01
Figure 3. Typical Capacitance versus Bias Voltage
(Upper curve for each voltage is unidirectional mode,
lower curve is bidirectional mode)
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
Figure 4. Steady State Power Derating Curve
TEMPERATURE (
°C)
FR−5 BOARD
ALUMINA SUBSTRATE
01
2
3
320
280
240
160
120
40
0
BIAS (V)
200
80
15 V
5.6 V


同様の部品番号 - MMBZ5V6ALT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1 Datasheet
129Kb / 6P
   SOT-23 COMMON ANODE DUAL ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 24 & 40 WATTS PEAK POWER
logo
ON Semiconductor
MMBZ5V6ALT1G ONSEMI-MMBZ5V6ALT1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ5V6ALT1G ONSEMI-MMBZ5V6ALT1G Datasheet
148Kb / 8P
   Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
logo
Guangdong Youtai Semico...
MMBZ5V6ALT1G UMW-MMBZ5V6ALT1G Datasheet
546Kb / 5P
   Common Anode Zeners for ESD Protection
logo
Motorola, Inc
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1_07 Datasheet
274Kb / 27P
   SOT-23 Dual Monolithic Common Anode Zener Transient Voltage Suppressor For ESD Protection
More results

同様の説明 - MMBZ5V6ALT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com