データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25M02DWF データシート(PDF) 10 Page - ON Semiconductor

部品番号 CAT25M02DWF
部品情報  2 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02DWF データシート(HTML) 10 Page - ON Semiconductor

Back Button CAT25M02DWF Datasheet HTML 6Page - ON Semiconductor CAT25M02DWF Datasheet HTML 7Page - ON Semiconductor CAT25M02DWF Datasheet HTML 8Page - ON Semiconductor CAT25M02DWF Datasheet HTML 9Page - ON Semiconductor CAT25M02DWF Datasheet HTML 10Page - ON Semiconductor CAT25M02DWF Datasheet HTML 11Page - ON Semiconductor CAT25M02DWF Datasheet HTML 12Page - ON Semiconductor CAT25M02DWF Datasheet HTML 13Page - ON Semiconductor CAT25M02DWF Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT25M02
www.onsemi.com
10
Read Operations
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 24−bit address (see Table 10 for the number
of significant address bits).
After receiving the last address bit, the CAT25M02 will
respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Identification Page
Reading the additional 256-byte Identification Page (IP)
is achieved using the same Read command sequence as used
for Read from main memory array (Figure 10). The IPL bit
from the Status Register must be set (IPL = 1) before
attempting to read from the IP. The [A7:A0] are the address
significant bits that point to the data byte shifted out on the
SO pin. If the CS continues to be held low, the internal
address register defined by [A7:A0] bits is automatically
incremented and the next data byte from the IP is shifted out.
The byte address must not exceed the 256-byte page
boundary.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25M02 will shift out the contents of the status register
on the SO pin (Figure 10). The status register may be read
at any time, including during an internal write cycle.
SCK
SI
SO
0
000
00
1
1
BYTE ADDRESS*
01
234
5678
9
10
28
29
30
31
32
33
34
35
36
37
38
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
Figure 9. READ Timing
Note: Dashed Line = mode (1, 1)
A0
AN
* Please check the Byte Address Table (Table 10)
CS
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
0
0
1
0
1
Note: Dashed Line = mode (1, 1)
CS


同様の部品番号 - CAT25M02DWF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25M02DWF ONSEMI-CAT25M02DWF Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
More results

同様の説明 - CAT25M02DWF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com