データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25320 データシート(PDF) 7 Page - ON Semiconductor

部品番号 CAT25320
部品情報  32-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25320 データシート(HTML) 7 Page - ON Semiconductor

Back Button CAT25320 Datasheet HTML 3Page - ON Semiconductor CAT25320 Datasheet HTML 4Page - ON Semiconductor CAT25320 Datasheet HTML 5Page - ON Semiconductor CAT25320 Datasheet HTML 6Page - ON Semiconductor CAT25320 Datasheet HTML 7Page - ON Semiconductor CAT25320 Datasheet HTML 8Page - ON Semiconductor CAT25320 Datasheet HTML 9Page - ON Semiconductor CAT25320 Datasheet HTML 10Page - ON Semiconductor CAT25320 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT25320
www.onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 12 significant address
bits are used by the CAT25320. The rest are don’t care bits,
as shown in Table 11. Internal programming will start after
the low to high CS transition. During an internal write cycle,
all commands, except for RDSR (Read Status Register) will
be ignored. The RDY bit will indicate if the internal write
cycle is in progress (RDY high), or the device is ready to
accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25320, the host
may continue sending data, up to a total of 32 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25320 is
automatically returned to the write disable state.
Table 11. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
CAT25320
A11 − A0
A15 − A12
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
0
0
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
012
345
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21
22
23
24
25
26 27
28
29
30
31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 11)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
0123
456
78
21
22
23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 11)


同様の部品番号 - CAT25320

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25320 ONSEMI-CAT25320 Datasheet
188Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 9
CAT25320 ONSEMI-CAT25320 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25320HU3E-GT3 ONSEMI-CAT25320HU3E-GT3 Datasheet
188Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 9
CAT25320HU3E-T3 ONSEMI-CAT25320HU3E-T3 Datasheet
188Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 9
More results

同様の説明 - CAT25320

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25320 ONSEMI-CAV25320 Datasheet
163Kb / 13P
   32-Kb SPI Serial CMOS EEPROM
October, 2013 ??Rev. 1
CAT25320 ONSEMI-CAT25320 Datasheet
188Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 9
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com