データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01S830HA データシート(PDF) 1 Page - ON Semiconductor

部品番号 N01S830HA
部品情報  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HA データシート(HTML) 1 Page - ON Semiconductor

  N01S830HA_16 Datasheet HTML 1Page - ON Semiconductor N01S830HA_16 Datasheet HTML 2Page - ON Semiconductor N01S830HA_16 Datasheet HTML 3Page - ON Semiconductor N01S830HA_16 Datasheet HTML 4Page - ON Semiconductor N01S830HA_16 Datasheet HTML 5Page - ON Semiconductor N01S830HA_16 Datasheet HTML 6Page - ON Semiconductor N01S830HA_16 Datasheet HTML 7Page - ON Semiconductor N01S830HA_16 Datasheet HTML 8Page - ON Semiconductor N01S830HA_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 2
1
Publication Order Number:
N01S830HA/D
N01S830HA, N01S830BA
1 Mb Ultra-Low Power
Serial SRAM
Standard SPI Interface and Multiplex
DUAL and QUAD Interface
Overview
The ON Semiconductor serial SRAM family includes several
integrated memory devices including this 1 Mb serially accessed
Static Random Access Memory, internally organized as 128 K words
by 8 bits. The devices are designed and fabricated using
ON Semiconductor’s advanced CMOS technology to provide both
high-speed performance and low power. The devices operate with a
single chip select (CS) input and use a simple Serial Peripheral
Interface (SPI) protocol. In SPI mode, a single data-in (SI) and
data-out (SO) line is used along with the clock (SCK) to access data
within the device. In DUAL mode, two multiplexed data-in/data-out
(SIO0-SIO1) lines are used and in QUAD mode, four multiplexed
data-in/data-out (SIO0-SIO3) lines are used with the clock to access
the memory. The devices can operate over a wide temperature range of
−40
°C to +85°C (+125°C for E−Temp) and are available in a 8-lead
TSSOP package. The N01S830xA device has two different variations,
a HOLD version that allows communication to the device to be paused
and a battery back-up (BBU) version to be used with a battery to retain
data when power is lost.
Features
Power Supply Range: 2.5 to 5.5 V
Very Low Typical Standby Current < 4 mA at +85°C
Very Low Operating Current < 10 mA
Simple Serial Interface
Single-bit SPI Access
DUAL-bit and QUAD-bit SPI-like Access
Flexible Operating Modes
Word Mode
Page Mode
Burst Mode (Full Array)
High Frequency Read and Write Operation
Clock Frequency up to 20 MHz
Functional Options
HOLD Pin for Pausing Operation
VBAT Pin for Battery−Back up
Built-in Write Protection (CS High)
High Reliability
Unlimited Write Cycles
Temperature Ranges Supported
Industrial (I): TA = −40
°C to +85°C
Automotive (E): TA = −40
°C to +125°C
These Devices are Pb−Free and are RoHS Compliant
Green TSSOP
www.onsemi.com
TSSOP8 3x4.4
CASE 948BH
PACKAGE CONFIGURATION
1
2
8
5
7
6
3
4
CS
SO / SIO1
NC / SIO2
VSS
VCC
HOLD / SIO3
SCK
SI / SIO0
HOLD Version
1
2
8
5
7
6
3
4
CS
SO / SIO1
NC
VSS
VCC
VBAT
SCK
SI / SIO0
BBU Version
Device
Package
Shipping
ORDERING INFORMATION
N01S830HAT22I
100 Units / Tube
N01S830HAT22IT
TSSOP−8
(Pb−Free)
3000 / Tape
& Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
N01S830BAT22I
TSSOP−8
(Pb−Free)
N01S830BAT22IT
N01S830HAT22E
100 Units / Tube
N01S830HAT22ET
TSSOP−8
(Pb−Free)
3000 / Tape
& Reel
N01S830BAT22E
TSSOP−8
(Pb−Free)
N01S830BAT22ET


同様の部品番号 - N01S830HA_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

同様の説明 - N01S830HA_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com