データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01S830HAT22I データシート(PDF) 4 Page - ON Semiconductor

部品番号 N01S830HAT22I
部品情報  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HAT22I データシート(HTML) 4 Page - ON Semiconductor

  N01S830HAT22I Datasheet HTML 1Page - ON Semiconductor N01S830HAT22I Datasheet HTML 2Page - ON Semiconductor N01S830HAT22I Datasheet HTML 3Page - ON Semiconductor N01S830HAT22I Datasheet HTML 4Page - ON Semiconductor N01S830HAT22I Datasheet HTML 5Page - ON Semiconductor N01S830HAT22I Datasheet HTML 6Page - ON Semiconductor N01S830HAT22I Datasheet HTML 7Page - ON Semiconductor N01S830HAT22I Datasheet HTML 8Page - ON Semiconductor N01S830HAT22I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
N01S830HA, N01S830BA
www.onsemi.com
4
DEVICE OPERATIONS
Read Operation
The serial SRAM Read operation is started by by enabling
CS low. First, the 8-bit Read instruction is transmitted to the
device through the SI (or SIO0-3) pin(s) followed by the
24-bit address with the 7 MSBs of the address being “don’t
care” bits and ignored. In SPI mode, after the READ
instruction and address bits are sent, the data stored at that
address in memory is shifted out on the SO pin after the
output valid time. Additional “dummy” clock cycles (four in
DUAL and two in QUAD) are required to follow the
instruction and address inputs prior to the data being driven
out on the SIO0-3 pins while operating in these two modes.
By continuing to provide clock cycles to the device, data
can continue to be read out of the memory array in
sequentially. The internal address pointer is automatically
incremented to the next higher address after each byte of
data is read out until the highest memory address is reached.
When the highest memory address is reached, 1FFFFh, the
address pointer wraps to the address 00000h. This allows the
read cycles to be continued indefinitely. All Read operations
are terminated by pulling CS high.
Figure 2. SPI Read Sequence (Single Byte)
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
23
22
21
20
21
0
7
65
43
21
0
High−Z
24−bit address
Data Out
SO
29
31
30
32
36
37
38
39
34
35
33
000
0
00
1
1
Figure 3. SPI Read Sequence (Sequential Bytes)
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
23
22
21
20
210
7
65
43
21
0
High−Z
24−bit address
Data Out from ADDR 1
SO
29
31
30
32
36
37
38
39
34
35
33
000
0
0
011
7
65
43
210
Data Out from ADDR 2
7
65
43
21
0
7
6
543
210
...
40
42
41
43
47
48
49
50
45
46
44
51
53
52
54
55
Don’t Care
Don’t Care
ADDR 1
Data Out from ADDR 3
Data Out from ADDR n


同様の部品番号 - N01S830HAT22I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

同様の説明 - N01S830HAT22I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com