データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74406042033 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74406042033
部品情報  Self Resonant Frequency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74406042033 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74406042033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
4,8
q
u 0,2
Scale - 6:1
Marking
3R3 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
3,6 ref.
Scale - 6:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 1 V
L
3.3
µH
±30%
Rated Current
ΔT = 40 K
IR
2.72
A
max.
Saturation Current
|ΔL/L| < 35 %
ISAT
2.12
A
typ.
DC Resistance
@ 20 °C
RDC
51
mΩ
typ.
DC Resistance
@ 20 °C
RDC
61
mΩ
max.
Self Resonant Frequency
fres
99
MHz
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQFS SMD Semishielded Tiny
Power Inductor
ORDER CODE
74406042033
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4818
001.000
Valid
2015-11-10
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74406042033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74406042010 WURTH-74406042010 Datasheet
324Kb / 5P
   Saturation Current
74406042015 WURTH-74406042015 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042022 WURTH-74406042022 Datasheet
324Kb / 5P
   Saturation Current
74406042047 WURTH-74406042047 Datasheet
324Kb / 5P
   Saturation Current
74406042068 WURTH-74406042068 Datasheet
324Kb / 5P
   Saturation Current
More results

同様の説明 - 74406042033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405020047 WURTH-74405020047 Datasheet
320Kb / 5P
   Self Resonant Frequency
74405024010 WURTH-74405024010 Datasheet
321Kb / 5P
   Self Resonant Frequency
74405024015 WURTH-74405024015 Datasheet
321Kb / 5P
   Self Resonant Frequency
74406032047 WURTH-74406032047 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042330 WURTH-74406042330 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405020022 WURTH-74405020022 Datasheet
320Kb / 5P
   Self Resonant Frequency
74405042010 WURTH-74405042010 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405042068 WURTH-74405042068 Datasheet
324Kb / 5P
   Self Resonant Frequency
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com