データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74406043330 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74406043330
部品情報  WE-LQFS SMD Semishielded Tiny Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74406043330 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74406043330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406043330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406043330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406043330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406043330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
4,8
q
u 0,2
Scale - 6:1
Marking
330 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
3,6 ref.
Scale - 6:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 1 V
L
33
µH
±20%
Rated Current
ΔT = 40 K
IR
0.99
A
max.
Saturation Current
|ΔL/L| < 35 %
ISAT
0.64
A
typ.
DC Resistance
@ 20 °C
RDC
209
mΩ
typ.
DC Resistance
@ 20 °C
RDC
251
mΩ
max.
Self Resonant Frequency
fres
20
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQFS SMD Semishielded Tiny
Power Inductor
ORDER CODE
74406043330
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4828
001.000
Valid
2015-11-10
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74406043330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74406043331 WURTH-74406043331 Datasheet
324Kb / 5P
   Self Resonant Frequency
More results

同様の説明 - 74406043330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440680047 WURTH-7440680047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440680220 WURTH-7440680220_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690022 WURTH-7440690022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690120 WURTH-7440690120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
74406800056 WURTH-74406800056_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
74406900052 WURTH-74406900052_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440310047 WURTH-7440310047_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
7440660022 WURTH-7440660022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042006 WURTH-744042006_17 Datasheet
262Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744042003 WURTH-744042003_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com