データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2630MTC-ADJ データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2630MTC-ADJ
部品情報  Synchronous Step-Down Power Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2630MTC-ADJ データシート(HTML) 5 Page - National Semiconductor (TI)

  LM2630MTC-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2630MTC-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics
Efficiency vs Load Current
(FPWM = Low, V
OUT = 3.3V)
DS100120-11
Efficiency (FPWM = High, Input Voltage = 16V,
V
OUT= 2.9V)
DS100120-12
Quiscent Supply Current vs Supply Voltage
(Not Switching, FPWM = Low, V
OUT = 2.0V)
DS100120-15
Quiscent Supply Current vs Supply Voltage
(FPWM = Low, V
OUT = 3.3V)
DS100120-16
Supply Current vs Oscillator Frequency
(FPWM = High)
DS100120-17
Oscillator Frequency vs Adjusting Resistor
DS100120-18
www.national.com
5


同様の部品番号 - LM2630MTC-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
LM2631MTC-ADJ NSC-LM2631MTC-ADJ Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
National Semiconductor ...
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

同様の説明 - LM2630MTC-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
   5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com