データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744835090095 データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744835090095
部品情報  Insulation Test Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744835090095 データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744835090095 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835090095 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835090095 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835090095 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835090095 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Test Setup:
7
6
Common Mode
7
6
Differential Mode
Typical Insertion Loss Characteristics:
0
5
10
15
20
25
30
35
40
45
50
55
60
0.001
0.01
0.1
1
10
Frequency [MHz]
A (comm)
A (diff)
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744835090095
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-15
eiSos
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744835090095

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744835021220 WURTH-744835021220 Datasheet
444Kb / 5P
   Rated Current
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
   Rated Current
744835050135 WURTH-744835050135 Datasheet
454Kb / 5P
   Rated Current
More results

同様の説明 - 744835090095

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744839010400 WURTH-744839010400 Datasheet
457Kb / 5P
   Insulation Test Voltage
744837002460 WURTH-744837002460 Datasheet
453Kb / 5P
   Insulation Test Voltage
744839208072 WURTH-744839208072 Datasheet
474Kb / 5P
   Insulation Test Voltage
744835150072 WURTH-744835150072 Datasheet
472Kb / 5P
   Insulation Test Voltage
744838180160 WURTH-744838180160 Datasheet
449Kb / 5P
   Insulation Test Voltage
logo
List of Unclassifed Man...
308A ETC2-308A Datasheet
117Kb / 1P
   Test insulation to 2000M廓
307A ETC2-307A Datasheet
134Kb / 1P
   Test insulation to 400M廓
logo
Pomona Electronics
5913 POMONA-5913 Datasheet
36Kb / 1P
   Insulation Piercing Maxigrabber Test Clip Set
6733 POMONA-6733 Datasheet
31Kb / 1P
   Test Lead Wire with Silicone or PVC Insulation
logo
International Rectifier
IRG4IBC20UDPBF IRF-IRG4IBC20UDPBF_15 Datasheet
312Kb / 10P
   2.5kV, 60s insulation voltage
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com