データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA527DJ データシート(PDF) 8 Page - Vishay Siliconix

部品番号 SIA527DJ
部品情報  N- and P-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA527DJ データシート(HTML) 8 Page - Vishay Siliconix

Back Button SIA527DJ Datasheet HTML 4Page - Vishay Siliconix SIA527DJ Datasheet HTML 5Page - Vishay Siliconix SIA527DJ Datasheet HTML 6Page - Vishay Siliconix SIA527DJ Datasheet HTML 7Page - Vishay Siliconix SIA527DJ Datasheet HTML 8Page - Vishay Siliconix SIA527DJ Datasheet HTML 9Page - Vishay Siliconix SIA527DJ Datasheet HTML 10Page - Vishay Siliconix SIA527DJ Datasheet HTML 11Page - Vishay Siliconix SIA527DJ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 64162
S13-1669-Rev. A, 29-Jul-13
Vishay Siliconix
SiA527DJ
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact:: pmostechsupport@vishay.com
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3
6
9
12
15
V
DS - Drain-to-Source Voltage (V)
2 V
1 V
1.5 V
VGS = 5 V thru 2.5 V
0.02
0369
12
15
0.04
0.08
0.12
0.16
0.06
0.10
0.14
I
D - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 1.8 V
0
3
6
9
12
15
18
Q
g - Total Gate Charge
0
2
4
6
8
VDS = 9.6 V
VDS = 3 V
VDS = 6 V
ID = 5.6 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0
0.5
1.0
1.5
2.0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
0
0369
12
300
600
900
1200
1500
V
DS - Drain-to-Source Voltage (V)
C
oss
C
rss
C
iss
0.7
- 50
- 25
25
75
125
0
50
100
150
0.8
1.0
1.1
0.9
1.3
1.4
1.2
T
J - Junction Temperature (°C)
VGS = 1.8 V
ID = 1.5 A
VGS = 4.5 V, 2.5 V
ID = 4.3 A


同様の部品番号 - SIA527DJ

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SIA527DJ TFUNK-SIA527DJ Datasheet
329Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA527DJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com