データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6981DQ データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI6981DQ
部品情報  Dual P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6981DQ データシート(HTML) 2 Page - Vishay Siliconix

  SI6981DQ_16 Datasheet HTML 1Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 2Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 3Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 4Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 5Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72226
S-81221-Rev. B, 02-Jun-08
Vishay Siliconix
Si6981DQ
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 300 µA
- 0.40
- 0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
- 1
µA
VDS = - 16 V, VGS = 0 V, TJ = 70 °C
- 25
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 4.8 A
0.026
0.031
Ω
VGS = - 2.5 V, ID = - 4.2 A
0.034
0.041
VGS = - 1.8 V, ID = - 3.5 A
0.046
0.058
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 4.8 A
17
S
Diode Forward Voltagea
VSD
IS = - 1.0 A, VGS = 0 V
- 0.65
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 4.8 A
15
25
nC
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
35
55
ns
Rise Time
tr
55
85
Turn-Off Delay Time
td(off)
120
180
Fall Time
tf
52
80
Source-Drain Reverse Recovery Time
trr
IF = - 1.0 A, dI/dt = 100 A/µs
30
50
Output Characteristics
0
6
12
18
24
30
0
1234
5
VGS = 5 thru 2.5 V
VDS - Drain-to-Source Voltage (V)
2 V
1.5 V
Transfer Characteristics
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - SI6981DQ_16

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6981DQ-T1 VISHAY-SI6981DQ-T1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQT-1 VISHAY-SI6981DQT-1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQ VISHAY-SI6981DQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6981DQ VISHAY-SI6981DQ_V01 Datasheet
106Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI6981DQ_16

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com