データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3001D1PWP データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3001D1PWP
部品情報  20 W MONO CLASS D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWP データシート(HTML) 7 Page - Texas Instruments

Back Button TPA3001D1PWP Datasheet HTML 3Page - Texas Instruments TPA3001D1PWP Datasheet HTML 4Page - Texas Instruments TPA3001D1PWP Datasheet HTML 5Page - Texas Instruments TPA3001D1PWP Datasheet HTML 6Page - Texas Instruments TPA3001D1PWP Datasheet HTML 7Page - Texas Instruments TPA3001D1PWP Datasheet HTML 8Page - Texas Instruments TPA3001D1PWP Datasheet HTML 9Page - Texas Instruments TPA3001D1PWP Datasheet HTML 10Page - Texas Instruments TPA3001D1PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPA3001D1
SLOS398A − DECEMBER 2002 − REVISED APRIL 2003
7
www.ti.com
TYPICAL CHARACTERISTICS
6
7
8
9
10
11
8
10121416
18
Figure 5
VCC − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 6
VCC − Supply Voltage − V
0
1
2
3
4
5
8
1012141618
SHUTDOWN CURRENT
vs
SUPPLY VOLTAGE
SHUTDOWN = 0.8 V
Figure 7
0.001
0.01
0.1
1
10
0
5
10
15
20
1 kHz
20 kHz
20 Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
VCC = 18 V,
RL = 8 Ω,
Gain = 12 dB
Figure 8
0.01
0.1
1
10
0
5
10
15
20
1 kHz
20 kHz
20 Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
VCC = 18 V,
RL = 8 Ω,
Gain = 36 dB


同様の部品番号 - TPA3001D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPG4 TI-TPA3001D1PWPG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPR TI-TPA3001D1PWPR Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPRG4 TI-TPA3001D1PWPRG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3001D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com