データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10CU10 データシート(PDF) 1 Page - Cynergy3 Co

部品番号 LM10CU10
部品情報  Direct power switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYNERGY3 [Cynergy3 Co]
ホームページ  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LM10CU10 データシート(HTML) 1 Page - Cynergy3 Co

  LM10CU10 Datasheet HTML 1Page - Cynergy3 Co LM10CU10 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The MS series of cable end float switches are designed for controlling levels in large tanks,
cisterns or reservoirs and can be directly installed on submersible pumps. The casing is
manufactured in blow moulded Polyethylene (
), with 5m PVC cable with protective
HDPE
earth conductor as standard. The switching element is a microswitch, with UL, VDE and
CENELEC approvals, activated by a moving stainless steel ball and having an electrical life
of 200,000 operations. Non hygroscopic closed cell expanded polyurethane is injected
--
around the switch housing within the outer casing, hermetically sealing the unit. It is
capable of working down to 100 metres depth in water.
The “U” version with polyurethane cable is for use in fuel oils.
MS Series
• Direct power
switching
• Cable mounting
• 100 metre depth
capability
C
Ltd
ynergy3 Components
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel: +44 (0) 1202 897969
sales cynergy3
@
.com
www.cynergy3.com
ISO 9001CERTIFIED
© 2015 Cynergy3 omponents, All Rights Reserved.
C
MS 2015
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Resistive
AC
Inductive AC (VA) DC (W)
AC
DC
oC
oF
MS10A
N/O
10
4
1
750
180
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS10AU N/O
10
4
1
750
180
250
110 PUR
5m HDPE 0-55 32-131 10 bar
MS10B
N/C
10
4
1
750
180
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS10BU N/C
10
4
1
750
180
250
110 PUR
5m HDPE 0-55 32-131 10 bar
MS10C
C/O
10
4
1
750
180
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS10CU C/O
10
4
1
750
180
250
110 PUR
5m HDPE 0-55 32-131 10 bar
MS20A
N/O
20
8
2
1500
360
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS20AU N/O
20
8
2
1500
360
250
110 PUR
5m HDPE 0-55 32-131 10 bar
MS20B
N/C
20
8
2
1500
360
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS20BU N/C
20
8
2
1500
360
250
110 PUR
5m HDPE 0-55 32-131 10 bar
MS20C
C/O
20
8
2
1500
360
250
110 PVC
5m HDPE 0-55 32-131 10 bar
MS20CU C/O
20
8
2
1500
360
250
110 PUR
5m HDPE 0-55 32-131 10 bar
Max.
Pressure
Part No.
Contact
Form
Switching Current Max.
(Amps)
Power Rating
Max.
Switching
Voltage Max.
Temp. Range
Cable
Matl.
Cable
Length
*
Body
Matl.
* = protective earth wire included


同様の部品番号 - LM10CU10

メーカー部品番号データシート部品情報
logo
Cynergy3 Co
LM10CU10 CYNERGY3-LM10CU10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
More results

同様の説明 - LM10CU10

メーカー部品番号データシート部品情報
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
List of Unclassifed Man...
PS2500 ETC2-PS2500 Datasheet
192Kb / 28P
   Low-Power Direct Digital Modulation Frequency Synthesizer
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
   700MHz to 6GHz Low Power Direct Quadrature Modulator
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
   2.4GHz Direct Sequence Spread Spectrum Hi Power Module
logo
Lite-On Technology Corp...
LTH-301-07 LITEON-LTH-301-07 Datasheet
191Kb / 5P
   NON-CONTACT SWITCHING, FOR DIRECT PC BOARD OR DUAL-IN-LINE SOCKET MOUNTING, FAST SWITCHING SPEED PACKAGE
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com