データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB41AB1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TSB41AB1
部品情報  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 データシート(HTML) 4 Page - Texas Instruments

  TSB41AB1 Datasheet HTML 1Page - Texas Instruments TSB41AB1 Datasheet HTML 2Page - Texas Instruments TSB41AB1 Datasheet HTML 3Page - Texas Instruments TSB41AB1 Datasheet HTML 4Page - Texas Instruments TSB41AB1 Datasheet HTML 5Page - Texas Instruments TSB41AB1 Datasheet HTML 6Page - Texas Instruments TSB41AB1 Datasheet HTML 7Page - Texas Instruments TSB41AB1 Datasheet HTML 8Page - Texas Instruments TSB41AB1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
required for normal network operation regardless of the state of the PHY-LLC interface. When the interface is
in the reset or disabled state and LPS is again observed active, the PHY initializes the interface and returns it
to normal operation.
When the PHY-LLC interface is in the low-power disabled state, the TSB41AB1 automatically enters a
low-power mode if the port is inactive (disconnected, disabled, or suspended). In this low-power mode, the
TSB41AB1 disables its internal clock generators and also disables various voltage and current reference
circuits depending on the state of the port (some reference circuitry must remain active in order to detect new
cable connections, disconnections, or incoming TPBIAS, for example). The lowest power consumption (the
ultralow-power sleep mode) is attained when the port is either disconnected, or disabled with the port interrupt
enable bit cleared. The TSB41AB1 exits the low-power mode when the LPS input is asserted high or when a
port event occurs which requires that the TSB41AB1 become active in order to respond to the event or to notify
the LLC of the event (for example, incoming bias is detected on a suspended port, a disconnection is detected
on a suspended port, a new connection is detected on a nondisabled port, etc.). The SYSCLK output becomes
active (and the PHY-LLC interface is initialized and becomes operative) within 7.3 ms after LPS is asserted high
when the TSB41AB1 is in the low-power mode.
The PHY uses the C/LKON terminal to notify the LLC to power up and become active. When activated, the
C/LKON signal is a square wave of approximately 163-ns period. The PHY activates the C/LKON output when
the LLC is inactive and a wake-up event occurs. The LLC is considered inactive when either the LPS input is
inactive, as described above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet
addressed to this node is received, or when a PHY interrupt occurs. The PHY deasserts the C/LKON output
when the LLC becomes active (both LPS active and the LCtrl bit set to 1). The PHY also deasserts the C/LKON
output when a bus reset occurs unless a PHY interrupt condition exists which would otherwise cause C/LKON
to be active.
PHP package terminal diagram
14 15
AGND
AVDD
R1
R0
AGND
TPBIAS
TPA+
TPA−
TPB+
TPB−
AGND
AVDD
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
SYSCLK
CTL0
CTL1
D0
D1
D2
D3
D4
D5
D6
D7
PD
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PHP PACKAGE
(TOP VIEW)
TSB41AB1
NOTE A: For latch-up considerations, it is recommended that the TESTM terminal have a pullup resistor.


同様の部品番号 - TSB41AB1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
TSB41AB1 TI1-TSB41AB1 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1GQE TI-TSB41AB1GQE Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
TSB41AB1GQE TI1-TSB41AB1GQE Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1GQE TI1-TSB41AB1GQE Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results

同様の説明 - TSB41AB1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com