データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB41AB1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TSB41AB1
部品情報  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 データシート(HTML) 11 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 7Page - Texas Instruments TSB41AB1 Datasheet HTML 8Page - Texas Instruments TSB41AB1 Datasheet HTML 9Page - Texas Instruments TSB41AB1 Datasheet HTML 10Page - Texas Instruments TSB41AB1 Datasheet HTML 11Page - Texas Instruments TSB41AB1 Datasheet HTML 12Page - Texas Instruments TSB41AB1 Datasheet HTML 13Page - Texas Instruments TSB41AB1 Datasheet HTML 14Page - Texas Instruments TSB41AB1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NUMBER
TYPE
I/O
DESCRIPTION
NAME
PAP
PHP
GQE
TYPE
I/O
DESCRIPTION
NC
C4, C6,
C7, D7,
F3, F8,
G3,
G4,
G8, H8
Each of these terminals is not connected to the silicon device.
NC:
Group 1
B4, C5,
D3, D4,
D5, E3,
E4
Supply
Each of these terminals is not connected to the silicon device, but they are
connected to each other. It is recommended this group of terminals be used for a
via connection to the GND plane in application board.
NC:
Group 2
D6, E5,
E6, E7,
E8, F6,
F7
Supply
Each of these terminals is not connected to the silicon device, but they are
connected to each other. It is recommended this group of terminals be used for a
via connection to the VDD−supply plane in application board.
NC:
Group 3
F4, F5,
H3
Supply
Each of these terminals is not connected to the silicon device, but they are
connected to each other. It is recommended this group of terminals be used for a
via connection to the GND plane in application board.
NC:
Group 4
G5,
G6, G7
Supply
Each of these terminals are not connected to the silicon device, but they are
connected to each other. It is recommended this group of terminals be used for a
via connection to the VDD−supply plane in application board.
PC0
PC1
PC2
20
21
22
16
17
18
J2
J3
J4
CMOS
I
Power class programming inputs. On hardware reset, these inputs set the default
value of the power class indicated during self-ID. Programming is done by tying
these terminals high or low. See Table 9 for encoding.
PD
14
12
G2
CMOS
I
Power-down input. A high on this terminal turns off all internal circuitry except the
cable-active monitor circuits, which control the CNA output (64-terminal PAP
package only). Asserting the PD input high also activates an internal pulldown on
the RESET terminal to force a reset of the internal control logic. (PD is provided for
legacy compatibility and is not recommended for power management in place of
IEEE 1394a-2000 suspend/resume LPS and C/LKON features.)
PLLGND
57, 58
41
A6, B5
Supply
PLL circuit ground terminals. These terminals should be tied together to the
low-impedance circuit board ground plane.
PLLVDD
56
40
B6
Supply
PLL circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
µF and
0.001
µF. Lower frequency 10-µF filtering capacitors are also recommended. This
supply terminal is separated from DVDD and AVDD inside the device to provide
noise isolation. It should be tied at a low-impedance point on the circuit board.
R0
R1
40
41
33
34
D8
C9
Bias
Current setting resistor terminals. These terminals are connected through an
external resistor to set the internal operating currents and cable driver output
currents. A resistance of 6.34 k
Ω ±1.0% is required to meet the IEEE Std
1394-1995 output voltage limits.
NOTE: It is strongly recommended that signals tied to VDD use a 1-kΩ resistor (minimum). Tying signals directly to VCC may result in ESD failures.
Signals tied to ground may be tied directly.


同様の部品番号 - TSB41AB1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
TSB41AB1 TI1-TSB41AB1 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1GQE TI-TSB41AB1GQE Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
TSB41AB1GQE TI1-TSB41AB1GQE Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1GQE TI1-TSB41AB1GQE Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results

同様の説明 - TSB41AB1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com