データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9R340C データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 9R340C
部品情報  CoolMOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

9R340C データシート(HTML) 3 Page - Infineon Technologies AG

  9R340C Datasheet HTML 1Page - Infineon Technologies AG 9R340C Datasheet HTML 2Page - Infineon Technologies AG 9R340C Datasheet HTML 3Page - Infineon Technologies AG 9R340C Datasheet HTML 4Page - Infineon Technologies AG 9R340C Datasheet HTML 5Page - Infineon Technologies AG 9R340C Datasheet HTML 6Page - Infineon Technologies AG 9R340C Datasheet HTML 7Page - Infineon Technologies AG 9R340C Datasheet HTML 8Page - Infineon Technologies AG 9R340C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPB90R340C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
2400
-
pF
Output capacitance
C oss
-
120
-
Effective output capacitance, energy
related
6)
C o(er)
-
71
-
Effective output capacitance, time
related
7)
C o(tr)
-
280
-
Turn-on delay time
t d(on)
-
70
-
ns
Rise time
t r
-
20
-
Turn-off delay time
t d(off)
-
400
-
Fall time
t f
-
25
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
11
-
nC
Gate to drain charge
Q gd
-
41
-
Gate charge total
Q g
-
94
-
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=400 V,
V GS=10 V, I D=9.2A,
R G=23.1 W
V DD=400 V, I D=9.2 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 500 V
Rev. 2.0
page 3
2012-04-16
Gate plateau voltage
V plateau
-
4.6
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=9.2 A,
T j=25 °C
-
0.8
1.2
V
Reverse recovery time
t rr
-
510
-
ns
Reverse recovery charge
Q rr
-
11
-
µC
Peak reverse recovery current
I rrm
-
41
-
A
7) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 50% V DSS.
6) C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 50% VDSS.
V R=400 V, I F=I S,
di F/dt =100 A/µs
3) Repetitive avalanche causes additional power losses that can be calculated as P
AV=E AR*f.
1) J-STD20 and JESD22
2) Pulse width t
p limited by T J,max
connection. PCB is vertical without blown air.
5) Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm² (one layer, 70µm thick) copper area for drain
4) I
SD≤ID, di/dt≤200A/µs, VDClink=400V, Vpeak<V(BR)DSS, TJ<TJ,max, identical low side and high side switch
Rev. 2.0
page 3
2012-04-16


同様の説明 - 9R340C

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com