データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9R340C データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 9R340C
部品情報  CoolMOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

9R340C データシート(HTML) 2 Page - Infineon Technologies AG

  9R340C Datasheet HTML 1Page - Infineon Technologies AG 9R340C Datasheet HTML 2Page - Infineon Technologies AG 9R340C Datasheet HTML 3Page - Infineon Technologies AG 9R340C Datasheet HTML 4Page - Infineon Technologies AG 9R340C Datasheet HTML 5Page - Infineon Technologies AG 9R340C Datasheet HTML 6Page - Infineon Technologies AG 9R340C Datasheet HTML 7Page - Infineon Technologies AG 9R340C Datasheet HTML 8Page - Infineon Technologies AG 9R340C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPB90R340C3
Maximum ratings, at T J=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous diode forward current
I S
A
Diode pulse current
2)
I S,pulse
34
Reverse diode dv /dt
4)
dv /dt
4
V/ns
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.6
K/W
R thJA
SMD version, device
on PCB: at minimum
footprint
-
-
62
R thJA
SMD version, device
on PCB: at 6 cm
²
cooling area
5)
-
35
-
Thermal resistance, junction -
ambient
Value
T C=25 °C
9.2
Values
Rev. 2.0
page 2
2012-04-16
cooling area
Soldering temperature, only reflow
soldering allowed; part not qualified
for direct wave soldering but bottom
side PCB wave soldering is allowed
T sold
reflow MSL1
-
-
260
°C
Electrical characteristics, at T J=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
900
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=1 mA
2.5
3
3.5
Zero gate voltage drain current
I DSS
V DS=900 V, V GS=0 V,
T j=25 °C
-
-
2
µA
V DS=900 V, V GS=0 V,
T j=150 °C
-
20
-
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=9.2 A,
T j=25 °C
-
0.28
0.34
W
V GS=10 V, I D=9.2 A,
T j=150 °C
-
0.76
-
Gate resistance
R G
f =1 MHz, open drain
-
1.3
-
W
Rev. 2.0
page 2
2012-04-16


同様の説明 - 9R340C

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPA60R165CP INFINEON-IPA60R165CP Datasheet
266Kb / 10P
   CoolMOS Power Transistor
Rev. 1.3 2005-12-22
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPW17N80C3A INFINEON-SPW17N80C3A Datasheet
508Kb / 10P
   CoolMOS Power Transistor
Rev. 2.91 2011-09-27
IPD60R385CP INFINEON-IPD60R385CP_09 Datasheet
308Kb / 10P
   CoolMOS Power Transistor
Rev. 2.2 2009-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com