データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QVS212CG4R7BDHT データシート(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 QVS212CG4R7BDHT
部品情報  High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS212CG4R7BDHT データシート(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QVS212CG4R7BDHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS212CG4R7BDHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CUD02
RoHS compliance product
○QVS212CG4R7BDHT
250V 2012 CG/C0G 4.7pF +/- 0.1pF t=0.95mmMAX
250V 0805 CG/C0G 4.7pF +/- 0.1pF t=0.037inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
500 10001500200025003000350040004500
Frequency[MHz]
QVS212CG4R7BDHT
Ca pa cita nce Freq.
-10
-5
0
5
10
0
50
100
150
200
250
DC Bia s Volta ge[V]
QVS212CG4R7BDHT
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
500 1000 1500 2000 2500 3000 3500 4000 4500
Frequency[MHz]
QVS212CG4R7BDHT
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
QVS212CG4R7BDHT
Ca pa cita nce Temp.


同様の部品番号 - QVS212CG4R7BDHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG4R7BD8T TAIYO-YUDEN-QVS212CG4R7BD8T Datasheet
399Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

同様の説明 - QVS212CG4R7BDHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG0R9CCHT TAIYO-YUDEN-QVS107CG0R9CCHT Datasheet
277Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG0R5CDHT TAIYO-YUDEN-QVS212CG0R5CDHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG220JCHT TAIYO-YUDEN-QVS107CG220JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R8BCHT TAIYO-YUDEN-QVS107CG1R8BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG3R3CCHT TAIYO-YUDEN-QVS107CG3R3CCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG030BCHT TAIYO-YUDEN-QVS107CG030BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG8R2CDHT TAIYO-YUDEN-QVS212CG8R2CDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG390JDHT TAIYO-YUDEN-QVS212CG390JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG0R9BCHT TAIYO-YUDEN-QVS107CG0R9BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG101JCHT TAIYO-YUDEN-QVS107CG101JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R1CCHT TAIYO-YUDEN-QVS107CG1R1CCHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com