データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6506F データシート(PDF) 3 Page - Rohm

部品番号 BA6506F
部品情報  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6506F データシート(HTML) 3 Page - Rohm

  BA6506F_12 Datasheet HTML 1Page - Rohm BA6506F_12 Datasheet HTML 2Page - Rohm BA6506F_12 Datasheet HTML 3Page - Rohm BA6506F_12 Datasheet HTML 4Page - Rohm BA6506F_12 Datasheet HTML 5Page - Rohm BA6506F_12 Datasheet HTML 6Page - Rohm BA6506F_12 Datasheet HTML 7Page - Rohm BA6506F_12 Datasheet HTML 8Page - Rohm BA6506F_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
3/12
TSZ02201-0H1H0B100490-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6506F
www.rohm.com
●Electrical characteristics(Unless otherwise specified Ta=25°C, Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
-
3.2
5.0
mA
At output OFF
Hall input hysteresis
Vhys
±3-
±15
mV
FG output L voltage
VFG
-
-
0.5
V
IFG=5mA
FG current capacity
IFG
8.0
-
-
mA
VFG=2V
Charge current of capacitor for
lock detection
ILDC
2.0
3.45
5.25
μA
VLD=1.5V
Discharge current of capacitor
for lock detection
ILDD
0.35
0.80
1.45
μA
VLD=1.5V
Charge-discharge current ratio of
capacitor for lock detection
rCD
3
4.5
8
-
rCD=ILDC/ILDD
Clamp voltage of capacitor for
lock detection
VLDCL
2.2
2.6
3.0
V
Comparison voltage of capacitor
for lock detection
VLDCP
0.4
0.6
0.8
V
Output H voltage
VOH
10
10.5
-
V
Io=10mA


同様の部品番号 - BA6506F_12

メーカー部品番号データシート部品情報
logo
Rohm
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results

同様の説明 - BA6506F_12

メーカー部品番号データシート部品情報
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com