データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-BX-BBU-24-17 データシート(PDF) 2 Page - Technology Dynamics Inc.

部品番号 TCP-BX-BBU-24-17
部品情報  BATTERY BACK-UP POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECHNOLOGY [Technology Dynamics Inc.]
ホームページ  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-BX-BBU-24-17 データシート(HTML) 2 Page - Technology Dynamics Inc.

  TCP-BX-BBU-24-17 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-BX-BBU-24-17 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
MODEL SELECTION
MECHANICAL OUTLINE
NOTE: MINIMUM QUANTITY PURCHASE REQUIRED ON MOST MODELS.
OTHER VOLTAGES & CURRENTS ARE AVAILABLE CONTACT THE FACTORY FOR DETAILS.
PREMIUM BATTERIES AVAILABLE FOR HARSH ENVIRONMENT OPERATION.
MODEL
OUTPUT
MODEL
OUTPUT
MODEL
OUTPUT
MODEL
OUTPUT
TCP-BX-BBU-12-33
12V
(13.5V) @ 33A
TCP-BX-BBU-12-50
12V
(13.5V) @ 50A
TCP-BX-BBU-12-66
12V
(13.5V) @ 66A
TCP-BX-BBU-24-41
24V
(27.6V) @ 41A
TCP-BX-BBU-24-17
24V
(27.6V) @ 17A
TCP-BX-BBU-24-25
24V
(27.6V) @ 25A
TCP-BX-BBU-24-33
24V
(27.6V) @ 33A
TCP-BX-BBU-48-20
48V
(54V) @ 20A
TCP-BX-BBU-48-8
48V
(54V) @ 8A
TCP-BX-BBU-48-12
48V
(54V) @ 12A
TCP-BX-BBU-48-16
48V
(54V) @ 16A
400 WATT POWER SUPPLY
600 WATT POWER SUPPLY
800 WATT POWER SUPPLY
1000 WATT POWER SUPPLY
400 WATTS BACK-UP FOR 30 MIN.
600 WATTS BACK-UP FOR 10 MIN.
800 WATTS BACK-UP FOR 5 MIN.
1000 WATTS BACK-UP FOR 3 MIN.
Optional Line Cord or MS Connector for AC input


同様の部品番号 - TCP-BX-BBU-24-17

メーカー部品番号データシート部品情報
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-24-17 TAB-TCP-BX-BBU-24-17 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
More results

同様の説明 - TCP-BX-BBU-24-17

メーカー部品番号データシート部品情報
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TAB-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com