データシートサーチシステム |
|
AM571x データシート(PDF) 1 Page - Texas Instruments |
|
AM571x データシート(HTML) 1 Page - Texas Instruments |
1 / 394 page Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. AM5718, AM5716 SPRS957C – MARCH 2016 – REVISED NOVEMBER 2016 AM571x Sitara™ Processors Silicon Revision 2.0 1 Device Overview 1 1.1 Features 1 • For Silicon Revision 1.0 information, see SPRS919 • ARM® Cortex®-A15 Microprocessor Subsystem • C66x Floating-Point VLIW DSP – Fully Object-Code Compatible With C67x and C64x+ – Up to Thirty-two 16 × 16-Bit Fixed-Point Multiplies per Cycle • Up to 512KB of On-Chip L3 RAM • Level 3 (L3) and Level 4 (L4) Interconnects • DDR3/DDR3L Memory Interface (EMIF) Module – Supports up to DDR3-1333 (667 MHz) – Up to 2GB across single chip select • Dual ARM® Cortex®-M4 Coprocessors • IVA-HD Subsystem • Display Subsystem – Full-HD Video (1920 × 1080p, 60 fps) – Multiple Video Input and Video Output – 2D and 3D Graphics – Display Controller With DMA Engine and up to Three Pipelines – HDMI™ Encoder: HDMI 1.4a and DVI 1.0 Compliant • 2x Dual-Core Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS) • Accelerator (BB2D) Subsystem – Vivante™ GC320 Core • Video Processing Engine (VPE) • Available Single-Core PowerVR® SGX544 3D GPU • One Video Input Port (VIP) Module – Support for up to Four Multiplexed Input Ports • General-Purpose Memory Controller (GPMC) • Enhanced Direct Memory Access (EDMA) Controller • Ethernet Subsystem • Sixteen 32-Bit General-Purpose Timers • 32-Bit MPU Watchdog Timer • Five High-Speed Inter-Integrated Circuit (I2C) Ports • HDQ™/1-Wire® Interface • Ten Configurable UART/IrDA/CIR Modules • Four Multichannel Serial Peripheral Interfaces (McSPI) • Quad SPI Interface (QSPI) • SATA Gen2 Interface • Eight Multichannel Audio Serial Port (McASP) Modules • SuperSpeed USB 3.0 Dual-Role Device • High-Speed USB 2.0 Dual-Role Device • Four MultiMedia Card/Secure Digital/Secure Digital Input Output Interfaces (MMC/SD/SDIO) • PCI Express® 3.0 Subsystems With Two 5-Gbps Lanes – One 2-lane Gen2-Compliant Port – or Two 1-lane Gen2-Compliant Ports • Dual Controller Area Network (DCAN) Modules – CAN 2.0B Protocol • MIPI® CSI-2 Camera Serial Interface • Up to 215 General-Purpose I/O (GPIO) Pins • Power, Reset, and Clock Management • On-Chip Debug With CTools Technology • 28-nm CMOS Technology • 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA (ABC) |
同様の部品番号 - AM571x |
|
同様の説明 - AM571x |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |