データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC06A データシート(PDF) 5 Page - ON Semiconductor

部品番号 74LVC06A
部品情報  Low-Voltage CMOS Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06A データシート(HTML) 5 Page - ON Semiconductor

  74LVC06A_15 Datasheet HTML 1Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 2Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 3Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 4Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 5Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 6Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74LVC06A
www.onsemi.com
5
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VLZ
An
On
tPLZ
tPZL
Vmi
Vmo
VOL
Vmi
Table 3. AC WAVEFORMS
Symbol
VCC
VCC . 4.5 to 5.5 V
VCC . 2.7 to 3.6 V
VCC < 2.7 V
Vmi
VCC / 2
1.5 V
VCC / 2
Vmo
VCC / 2
1.5 V
VCC / 2
VLZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
R1
6 V or VCC × 2
GND
CL includes jig and probe capacitance
RT = ZOUT of pulse generator (typically 50 Q)
R1 = RL
Table 4. TEST CIRCUIT
Supply Voltage
Input
Load
VEXT
VCC (V)
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
1.65 − 1.95
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
2.3 − 2.7
VCC
≤ 2 ns
30 pF
500
Q
Open
2 x VCC
GND
2.7
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
3.0 − 3.6
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
4.5 to 5.5
VCC
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND


同様の部品番号 - 74LVC06A_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC06AS14 DIODES-74LVC06AS14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AS14-13 DIODES-74LVC06AS14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14 DIODES-74LVC06AT14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14-13 DIODES-74LVC06AT14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results

同様の説明 - 74LVC06A_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com