データシートサーチシステム |
|
MC74AC163DR2G データシート(PDF) 6 Page - ON Semiconductor |
|
MC74AC163DR2G データシート(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC74AC161, MC74ACT161, MC74AC163, MC74ACT163 www.onsemi.com 6 AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) 74AC161 74AC161 Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85 °C CL = 50 pF Typ Guaranteed Minimum ts Setup Time, HIGH or LOW 3.3 6.0 13.5 16.0 ns 3−9 Pn to CP 5.0 3.5 8.5 10.5 th Hold Time, HIGH or LOW 3.3 −7.0 −1.0 −0.5 ns 3−9 Pn to CP 5.0 −4.0 0 0 ts Setup Time, HIGH or LOW 3.3 6.5 11.5 14.0 ns 3−9 PE to CP 5.0 4.0 7.5 8.5 th Hold Time, HIGH or LOW 3.3 −6.0 0 0 ns 3−9 PE to CP 5.0 −3.5 0.5 1.0 ts Setup Time, HIGH or LOW 3.3 3.0 6.0 7.0 ns 3−9 CEP or CET to CP 5.0 2.0 4.5 5.0 th Hold Time, HIGH or LOW 3.3 −3.5 0 0 ns 3−9 CEP or CET to CP 5.0 −2.0 0 0.5 tw Clock Pulse Width (Load) 3.3 2.0 3.5 4.0 ns 3−6 HIGH or LOW 5.0 2.0 2.5 3.0 tw Clock Pulse Width (Count) 3.3 2.0 4.0 4.5 ns 3−6 HIGH or LOW 5.0 2.0 3.0 3.5 tw MR Pulse Width, LOW 3.3 3.0 5.5 7.5 ns 3−6 5.0 2.5 4.5 6.0 trec Recovery TIme 3.3 −2.0 −0.5 0 ns 3−9 MR to CP 5.0 −1.0 0 0.5 *Voltage Range 3.3 V is 3.3 V ±0.3 V. *Voltage Range 5.0 V is 5.0 V ±0.5 V. |
同様の部品番号 - MC74AC163DR2G |
|
同様の説明 - MC74AC163DR2G |