データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G07 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74VHC1G07
部品情報  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07 データシート(HTML) 3 Page - ON Semiconductor

  MC74VHC1G07_15 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07_15 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07_15 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07_15 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07_15 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G07
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 255C
TA v 855C
*555C v TA v 1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum
High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum
Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOL
Maximum
Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
ILKG
Z−State Output
Leakage Current
VIN = VIH
VOUT = VCC or GND
5.5
$0.25
$2.5
$5.0
mA
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to 5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum
Quiescent Supply
Current
VIN = VCC or GND
5.5
1.0
20
40
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
VIN = 5.5 V
0
0.25
2.5
5
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
TA = 255C
TA v 855C
*555C v TA v 1255C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPZL
Maximum Output
Enable Time,
Input A to Y
VCC = 3.3 $ 0.3 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
5.0
7.5
7.1
10.6
8.5
12.0
10.0
14.5
ns
VCC = 5.0 $ 0.5 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
3.8
5.3
5.5
7.5
6.5
8.5
8.0
10.0
tPLZ
Maximum Output
Disable Time
VCC = 3.3 $ 0.3 V CL = 50 pF
RL = RI = 500 W
7.5
10.6
12.0
14.5
ns
VCC = 5.0 $ 0.5 V CL = 50 pF
RL = RI = 500 W
5.3
7.5
8.5
10.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
Typical @ 25°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
18
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


同様の部品番号 - MC74VHC1G07_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
MC74VHC1G07 ONSEMI-MC74VHC1G07_18 Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
More results

同様の説明 - MC74VHC1G07_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com