データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G07DFT2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHC1G07DFT2G
部品情報  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07DFT2G データシート(HTML) 1 Page - ON Semiconductor

  MC74VHC1G07DFT2G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07DFT2G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07DFT2G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07DFT2G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07DFT2G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 18
1
Publication Order Number:
MC74VHC1G07/D
MC74VHC1G07
Single Non-Inverting Buffer
with Open Drain Output
The MC74VHC1G07 is an advanced high speed CMOS buffer with
open drain output fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer and an open drain output which provides the capability to set the
output switching level. This allows the MC74VHC1G07 to be used to
interface any 2 V to 5.5 V circuit to circuits of any voltage between
1.5 V and 7 V using an external resistor and power supply.
The MC74VHC1G07 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.8 ns (Typ) at VCC = 5 V
Low Internal Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 105
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
1
OVT
Figure 1. Pinout
Figure 2. Logic Symbol
1
2
3
4
5
FUNCTION TABLE
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
L
Z
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
www.onsemi.com
MARKING
DIAGRAMS
V7
= Device Code
M
= Date Code*
G
= Pb−Free Package
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
V7 M G
G
1
5
V7 M G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.


同様の部品番号 - MC74VHC1G07DFT2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G07DFT2G ONSEMI-MC74VHC1G07DFT2G Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
MC74VHC1G07DFT2G ONSEMI-MC74VHC1G07DFT2G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07DFT2G ONSEMI-MC74VHC1G07DFT2G Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
More results

同様の説明 - MC74VHC1G07DFT2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com