データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1262NA データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1262NA
部品情報  200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1262NA データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1262NA Datasheet HTML 7Page - National Semiconductor (TI) LM1262NA Datasheet HTML 8Page - National Semiconductor (TI) LM1262NA Datasheet HTML 9Page - National Semiconductor (TI) LM1262NA Datasheet HTML 10Page - National Semiconductor (TI) LM1262NA Datasheet HTML 11Page - National Semiconductor (TI) LM1262NA Datasheet HTML 12Page - National Semiconductor (TI) LM1262NA Datasheet HTML 13Page - National Semiconductor (TI) LM1262NA Datasheet HTML 14Page - National Semiconductor (TI) LM1262NA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description
All functions of the LM1262 are controlled through the I
2C
Bus. Details on the internal registers are covered in the
I
2C Interface Registers Section. Figure 1 shows the block
diagram of the LM1262. The I
2C signals come in on pins
11 and 12 and go to the I
2C Interface. Both the internal
blocks with an “R” and the four external DACs are con-
trolled by the I
2C Interface. The video and OSD blocks
are shown for the red channel in
Figure 1. The blocks for
both the green and blue channels are not shown; how-
ever, they are identical to the red channel.
Proper operation of the LM1262 does require a very
accurate reference voltage. This voltage is generated in
the V
Ref block. To insure an accurate voltage over tem-
perature, an external resistor is used to set the current in
the V
Ref stage. The external resistor is connected to pin
10. This resistor should be 1% and have a temperature
coefficient under 100 ppm/˚C. ALL VIDEO SIGNALS
MUST BE KEPT AWAY FROM PIN 10. This pin has a very
high input impedance and will pick up any high frequency
signals routed near it. The board layout shown in
Figure
10 is a good example of trace routing near pin 10. The
output of the V
Ref stage goes to a number of blocks in the
video section and also to pin 21. This pin allows capacitor
filtering on the V
Ref output and offers an accurate external
reference. A buffer must be used with this reference, the
maximum current loading should be only 100 µA.
Note: Any noise injected into pin 21 will appear on the video. The voltage
reference must be kept very clean for best performance of the
LM1262.
The video inputs are pins 5, 6, and 7. Looking at the red
channel (pin 5) note that the “Clamp DC Restore Amp” is
connected to this pin. Since the video must be AC coupled to
the LM1262, the coupling cap is also used to store the
reference voltage for DC restoration. The “Clamp DC Re-
store Amp” block charges the input capacitor to the correct
voltage when the clamp pulse (pin 23) is active. The “Hi Z
Input Buffer Amp” buffers the video signal for internal pro-
cessing. Input impedance to this stage is typically 20 M
Ω.
With such a high impedance the DC restoration can appear
to be working for a number of minutes after the clamp pulse
is removed.
The output of the Buffer Amp goes to the Contrast stage. The
7 bit contrast register (03h) sets the contrast level through
the I2C bus. This register controls the Contrast stage in each
video channel. Contrast adjustment range is up to −20 dB.
Loading all zeros in the contrast register gives −20 dB at-
tenuation. All ones will give no attenuation. The output of this
stage is used as the feedback for the DC restoration loop.
“Auto Beam Limit Amp” or ABL is the next block in the video
path. This is a voltage controlled gain stage which gives no
attenuation with 5V at pin 22 and gives about −10 dB attenu-
ation with 2V at pin 2. ABL is covered in more detail later in
this section.
Next in the video path is the “OSD Mixer”. The OSD Select
signal at pin 4 controls this stage, selecting OSD with a high
at pin 4, and video with a low at pin 4. Since the DC
restoration feedback is at the Contrast output, the video
black level will match the OSD black level. The OSD signal is
mixed with the video signal at the output of this stage.
The OSD goes through the “OSD Contrast” stage before
entering the “OSD Mixer” block. Bits 3 and 4 of register 08h
control the OSD contrast giving four video levels for the OSD
window. Maximum video level for the OSD window occurs
with both bits set to one. Minimum video level will occur with
both bits set to a zero.
Following the “OSD Mixer” is the “Gain” block. Each video
channel has its own independent control of this block so the
user can balance the color of the CRT display. Registers
00h, 01h, 02h are used for the gain attenuation. These
registers are 7 bits with the maximum attenuation of −10 dB
occurring when all zeros are loaded.
The final block in the video path is the “Output Buffer Amp”.
This stage provides the drive needed for the inputs of a CRT
driver. The recommended driver for this pre-amp is one of
the LM246X family. Horizontal blanking is also added to the
video signal from the “H Blank” stage. This block is covered
in more detail below. DC offset of the output is set by the “DC
DACs Offset” stage. Bits 0 through 2 in register 08 control
this stage. This gives 8 different black levels ranging from
0.75V to 1.55V. When using one of the LM246X CRT driver
family it is recommended that the black level be set to 1.25V.
ABL: The Auto Beam Limit control reduces the gain of the
video amplifiers in response to a control voltage proportional
to the CRT beam current. The ABL acts on all three channels
in an identical manner. This is required for CRT life and X-ray
protection. The beam current limit circuit application is as
shown in
Figure 4: when no current is being drawn by the
EHT supply, current flows from the supply rail through the
ABL resistor and into the ABL input of the IC. The IC clamps
the input voltage to a low impedance voltage source (the 5V
supply rail).
When current is drawn from the EHT supply, some of the
current passing through the ABL resistor goes to the EHT
supply, which reduces the current flowing into the ABL input
of the IC.
When the EHT current is high enough, the current flowing
into the ABL input of the IC drops to zero. This current level
determines the ABL threshold and is given by:
Where:
V
S is the external supply (usually the CRT driver supply rail,
about 80V)
V
ABL TH is the threshold ABL voltage of the IC
R
ABL is the ABL resistor value
I
ABL is the ABL limit
When the voltage on the ABL input drops below the ABL
threshold of the pre-amp, the gain of the pre-amp reduces,
which reduces the beam current. A feedback loop is thus
established which acts to prevent the average beam current
exceeding I
ABL.
www.national.com
11


同様の部品番号 - LM1262NA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP101MGD LEIDITECH-LM1265HP101MGD Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP130MGD LEIDITECH-LM1265HP130MGD Datasheet
1Mb / 6P
   Carbonyl Powder
More results

同様の説明 - LM1262NA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com