データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-207MM-QL データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 ADC-207MM-QL
部品情報  7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADC-207MM-QL データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  ADC-207MM-QL Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADC-207
®
®
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
–5
–10
69.2
27.3
SAMPLE PULSE WIDTH = 25ns
4MHz FUNDAMENTAL
Figure 5. Beat Frequency Test at 20MHz
Figure 6. 10MHz Envelope Test
FFT TEST
This test actually produces an amplitude versus frequency graph (Figure 7) which indicates harmonic distortion and signal-to-noise
ratio. The theoretical rms signal-to-noise ration for a 7-bit converter is +43.8dB.
Figure 7. FFT Test Using the ADC-207
0
1
2
3
4
5
6
7
8
9
10
70
65
60
55
50
45
40
35
30
25
20
15
10
0
–5
–10
SAMPLE PULSE = 25ns
69.2
27.3
4MHz FUNDAMENTAL
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
NUMBER OF SAMPLES (X10 )
3
OUTPUT
CODES
120
110
100
90
80
70
60
50
40
30
20
10
0
OUTPUT
CODES
120
110
100
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
NUMBER OF SAMPLES(X10 )
3


同様の部品番号 - ADC-207MM-QL

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-207MM-QL MURATA-PS-ADC-207MM-QL Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207MM-QL DATEL-ADC-207MM-QL Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-207MM-QL-C DATEL-ADC-207MM-QL-C Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

同様の説明 - ADC-207MM-QL

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com