データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2672N-ADJ データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2672N-ADJ
部品情報  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2672N-ADJ データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2672N-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2672N-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2672 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure
4 and Figure 5 or Figure 6 (output voltages of 3.3V, 5V, or 12V
respectively). For all other voltages, see the design procedure
for the adjustable version.
1. Inductor Selection (L1)
A. Use the inductor selection guide for the 5V version shown in
Figure 5.
B. From the inductor value selection guide, identify the
inductance region intersected by the Maximum Input Voltage
line and the Maximum Load Current line. Each region is
identified by an inductance value and an inductor code (LXX).
B. From the inductor value selection guide shown in Figure 5,
the inductance region intersected by the 12V horizontal line and
the 1A vertical line is 33 µH, and the inductor code is L23.
C. Select an appropriate inductor from the four manufacturer’s
part numbers listed in Figure 8. Each manufacturer makes a
different style of inductor to allow flexibility in meeting various
design requirements. Listed below are some of the
differentiating characteristics of each manufacturer’s inductors:
C. The inductance value required is 33 µH. From the table in
Figure 8, go to the L23 line and choose an inductor part number
from any of the four manufacturers shown. (In most instances,
both through hole and surface mount inductors are available.)
Schott: ferrite EP core inductors; these have very low leakage
magnetic fields to reduce electro-magnetic interference (EMI)
and are the lowest power loss inductors
Renco: ferrite stick core inductors; benefits are typically lowest
cost inductors and can withstand E
T and transient peak
currents above rated value. Be aware that these inductors have
an external magnetic field which may generate more EMI than
other types of inductors.
Pulse: powered iron toroid core inductors; these can also be low
cost and can withstand larger than normal E
T and transient
peak currents. Toroid inductors have low EMI.
Coilcraft: ferrite drum core inductors; these are the smallest
physical size inductors, available only as SMT components. Be
aware that these inductors also generate EMI — but less than
stick inductors.
Complete specifications for these inductors are available from
the respective manufacturers. A table listing the manufacturers’
phone numbers is located in Figure 9.
2. Output Capacitor Selection (C
OUT)
A. Select an output capacitor from the output capacitor table in
Figure 10. Using the output voltage and the inductance value
found in the inductor selection guide, step 1, locate the
appropriate capacitor value and voltage rating.
2. Output Capacitor Selection (C
OUT)
A. Use the 5.0V section in the output capacitor table in Figure
10. Choose a capacitor value and voltage rating from the line
that contains the inductance value of 33 µH. The capacitance
and voltage rating values corresponding to the 33 µH inductor
are the:
The capacitor list contains through-hole electrolytic capacitors
from four different capacitor manufacturers and surface mount
tantalum capacitors from two different capacitor manufacturers.
It is recommended that both the manufacturers and the
manufacturer’s series that are listed in the table be used. A
table listing the manufacturers’ phone numbers is located in
Figure 11.
Surface Mount:
68 µF/10V
Sprague 594D Series.
100 µF/10V
AVX TPS Series.
Through Hole:
68 µF/10V
Sanyo OS-CON SA Series.
220 µF/35V
Sanyo MV-GX Series.
220 µF/35V
Nichicon PL Series.
220 µF/35V
Panasonic HFQ Series.
www.national.com
11


同様の部品番号 - LM2672N-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672N-ADJ TI1-LM2672N-ADJ Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-ADJ TI-LM2672N-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM2672N-ADJ NSC-LM2672N-ADJ Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

同様の説明 - LM2672N-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com