データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFB38N20DPBF データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 IRFB38N20DPBF
部品情報  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFB38N20DPBF データシート(HTML) 2 Page - Infineon Technologies AG

  IRFB38N20DPBF Datasheet HTML 1Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 2Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 3Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 4Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 5Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 6Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 7Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 8Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRFB/S/SL38N20DPbF
2
2016-5-31
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
starting TJ = 25°C, L = 1.3mH, RG = 25, IAS = 26A.
ISD 26A, di/dt 390A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
300µs; duty cycle  2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
This is only applied to TO-220AB package.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.22
–––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.054
 VGS = 10V, ID = 26A 
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
VDS =200 V, VGS = 0V
–––
–––
250
VDS = 160V,VGS = 0V,TJ =150°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 30V
Gate-to-Source Reverse Leakage
–––
-100
VGS = -30V
Dynamic @ TJ = 25°C (unless otherwise specified)
gfs
Forward Trans conductance
17
–––
–––
S
VDS = 50V, ID = 26A
Qg
Total Gate Charge
–––
60
91
ID = 26A
Qgs
Gate-to-Source Charge
–––
17
25
VDS = 100V
Qgd
Gate-to-Drain Charge
–––
28
42
VGS = 10V 
td(on)
Turn-On Delay Time
–––
16
–––
ns
VDD = 100V
tr
Rise Time
–––
95
–––
ID =26A
td(off)
Turn-Off Delay Time
–––
29
–––
RG= 2.5
tf
Fall Time
–––
47
–––
VGS = 10V 
Ciss
Input Capacitance
–––
2900
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
450
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
73
–––
ƒ = 1.0MHz
Coss
Output Capacitance
–––
3550
–––
VGS = 0V, VDS = 1.0V ƒ = 1.0MHz
Coss
Output Capacitance
–––
180
–––
VGS = 0V, VDS = 160V ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
380
–––
VGS = 0V, VDS = 0V to 160V
nC  
Diode Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
44
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
180
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C,IS = 26A,VGS = 0V 
trr
Reverse Recovery Time
–––
160
240
ns TJ = 25°C ,IF = 26A
Qrr
Reverse Recovery Charge
–––
1.3
2.0
C di/dt = 100A/µs 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Avalanche Characteristics
Parameter
Min.
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy 
–––
–––
460
mJ
IAR
Avalanche Current 
–––
–––
26
EAR
Repetitive Avalanche Energy 
–––
390
–––
mJ
VDS (Avalanche)
Repetitive Avalanche Voltage
260
–––
–––
V


同様の部品番号 - IRFB38N20DPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
   HEXFET Power MOSFET
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
More results

同様の説明 - IRFB38N20DPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com