データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6894MPBF データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 IRF6894MPBF
部品情報  HEXFET짰 Power MOSFET plus Schottky Diode?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF6894MPBF データシート(HTML) 3 Page - Infineon Technologies AG

  IRF6894MPBF Datasheet HTML 1Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 2Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 3Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 4Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 5Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 6Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 7Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 8Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 
IRF6894MTRPbF
3
2016-10-13
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
PD @TA = 25°C
Power Dissipation 
2.8
PD @TA = 70°C
Power Dissipation 
1.8
W
PD @TC = 25°C
Power Dissipation 
54
 
TP
Peak Soldering Temperature
270
TJ
Operating Junction and
-40 to + 150
°C
TSTG
Storage Temperature Range
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient 
–––
45
RJA
Junction-to-Ambient 
12.5
–––
RJA
Junction-to-Ambient 
20
–––
°C/W
RJC
Junction-to-Can 
–––
2.3
RJA-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor 
W/°C
0.022
.
Fig 3.  Maximum Effective Transient Thermal Impedance, Junction-to-Ambient  
Notes:
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple incontact with top (Drain) of part.
Surface mounted on 1 in. square Cu
board (still air).
Mounted to a PCB with small clip
heatsink (still air)
Used double sided cooling, mounting pad with large heatsink.
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Ris measured at TJ of approximately 90°C.
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc


同様の部品番号 - IRF6894MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6894MPBF IRF-IRF6894MPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results

同様の説明 - IRF6894MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com