データシートサーチシステム |
|
9ZXL1950BKLFT データシート(PDF) 5 Page - Integrated Device Technology |
|
9ZXL1950BKLFT データシート(HTML) 5 Page - Integrated Device Technology |
5 / 18 page REVISION E 11/20/15 5 19-OUTPUT DB1900Z LOW-POWER DERIVATIVE W/85OHM TERMINATIONS 9ZXL1950 DATASHEET Electrical Characteristics–Absolute Maximum Ratings Electrical Characteristics–DIF_IN Clock Input Parameters Electrical Characteristics–Current Consumption PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS NOTES 3.3V Core Supply Voltage VDDA, R 4.6 V 1,2 3.3V Logic Supply Voltage VDD 4.6 V 1,2 I/O Supply Voltage VDDIO 4.6 V 1,2 Input Low Voltage VIL GND-0.5 V 1 Input High Voltage VIH Except for SMBus interface VDD+0.5V V 1 Input High Voltage VIHSMB SMBus clock and data pins 5.5V V 1 Storage Temperature Ts -65 150 °C 1 Junction Temperature Tj 125 °C 1 Input ESD protection ESD prot Human Body Model 2000 V 1 1Guaranteed by design and characterization, not 100% tested in production. 2 Operation under these conditions is neither implied nor guaranteed. TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS NOTES Input Crossover Voltage - DIF_IN VCROSS Cross Over Voltage 150 900 mV 1 Input Swing - DIF_IN VSWING Differential value 300 mV 1 Input Slew Rate - DIF_IN dv/dt Measured differentially 0.4 8 V/ns 1,2 Input Leakage Current IIN VIN = VDD , VIN = GND -5 5 uA Input Duty Cycle dtin Measurement from differential wavefrom 45 55 % 1 Input Jitter - Cycle to Cycle JDIFIn Differential Measurement 0 125 ps 1 1 Guaranteed by design and characterization, not 100% tested in production. 2Slew rate measured through +/-75mV window centered around differential zero TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS NOTES IDDVDD All outputs 100MHz, CL = 2pF; Zo = 85Ω 20 35 mA IDDVDDA/R All outputs 100MHz, CL = 2pF; Zo = 85Ω 15 20 mA IDDVDDIO All outputs 100MHz, CL = 2pF; Zo = 85Ω 142 185 mA IDDVDDPD All differential pairs low-low 2.2 6 mA IDDVDDA/RPD All differential pairs low-low 4.5 9 mA IDDVDDIOPD All differential pairs low-low 0.1 1 mA Operating Supply Current Powerdown Current |
同様の部品番号 - 9ZXL1950BKLFT |
|
同様の説明 - 9ZXL1950BKLFT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |