データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426AKLFT データシート(PDF) 11 Page - Integrated Device Technology

部品番号 932SQ426AKLFT
部品情報  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426AKLFT データシート(HTML) 11 Page - Integrated Device Technology

Back Button 932SQ426AKLFT Datasheet HTML 7Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 8Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 9Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 10Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 11Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 12Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 13Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 14Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
11
932SQ426
REV C 022916
Electrical Characteristics - Input/Supply/Common Parameters
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Ambient Operating
Temperature
TCOM
Commmercial range
0
25
70
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2.2
2.4
VDD + 0.3
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
GND - 0.3
0.4
0.8
V
IIN
Single-ended inputs,
VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs.
VIN = 0 V; Inputs with internal pull-up
resistors
VIN = VDD; Inputs with internal pull-down
resistors
-200
200
uA
Low Threshold Input-
High Voltage
VIH_FS
3.3 V +/-5%
0.7
VDD + 0.3
V
Low Threshold Input-
Low Voltage
VIL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
Input Frequency
Fi
25.00
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
5
pF
1
CINX
X1 & X2 pins
5
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st
clock
1.3
1.8
ms
2
Tdrive_PD#
tDRVPD
Differential output enable after
PD# de-assertion
200
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low
Voltage
VILSMB
0.8
V
SMBus Input
High Voltage
VIHSMB
2.1
VDDSMB
V1
SMBus Output
Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
SCLK/SDATA Rise
Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall
Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
Input Current
Capacitance


同様の部品番号 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

同様の説明 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com