データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1A データシート(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

部品番号 GS1A
部品情報  1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYELEC [DIYI Electronic Technology Co., Ltd.]
ホームページ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GS1A データシート(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  GS1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GS1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0
1.0AMP SURFACE MOUNT GLASS RECOVERY
RECTIFIER
GS1A
to+150
@T =100
@T =100
@T =25
RRM
Classification Rating 94V-0
1.1
plastic SMA
2)
1)
For surface mounted application
2.
1.
5.0
GS1K
JA
·
500
30
GS1M
GS1J
GS1G
GS1D
GS1B
GS1A
THRU GS1M
Features
Low forward voltage drop
·
High current capability
·
High reliability
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
30
A
Forward Voltage
@IF=1.0A
VFM
V
Peak Reverse Current
IR
uA
At Rated DC Blocking Voltage
Typical Junction Capacitance (Note
12
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ
Operating Temperature Range
-55
Storage Temperature Range
TSTG
-55 to +150
Note:
version:01
1of2
·
·
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Resistance from Junction to Ambient at 0.375(9.5mm) lead length .
CJ
W
/
A
A
A
TJ
www.dyelec.com
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)


同様の部品番号 - GS1A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DACO SEMICONDUCTOR CO.,...
GS1A DACO-GS1A Datasheet
471Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Kingtronics Internation...
GS1A KINGTRONICS-GS1A Datasheet
898Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
More results

同様の説明 - GS1A

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
GS1AU DYELEC-GS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
G1AU DYELEC-G1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
E1A DYELEC-E1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1A DYELEC-ES1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
RS1AU DYELEC-RS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
E1AN DYELEC-E1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
R1A DYELEC-R1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS1A DYELEC-RS1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com