データシートサーチシステム |
|
CS8401A-IS データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
CS8401A-IS データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 34 page GENERAL DESCRIPTION The CS8401A/2A are monolithic CMOS circuits that encode and transmit audio and digital data according to the AES/EBU, IEC 958 (S/PDIF), and EIAJ CP-340 interface standards. Both chips accept audio and control data separately; multi- plex an d b i phase- mark enco de the d ata internally; and drive it, directly or through a transformer, to a transmission line. The CS8401A is fully software programmable through a paral- lel port and contains buffer memory for control data, while the CS8402A has dedicated pins for the most important control bits and a serial input port for the C, U, and V bits. Familiarity with the AES/EBU and IEC 958 specifications are assumed throughout this data sheet. Many terms such as channel status, user data, auxiliary data, professional mode, etc. are not defined. The Application Note, Overview of AES/EBU Digital Audio Interface Data Struc- tures, provides an overview of the AES/EBU and IEC 958 specifications and is included for clar- ity; however, it is not meant to be a complete reference, and the complete standards should be obtained from the Audio Engineering Society or ANSI for the AES/EBU document, and the Inter- national Electrotechnical Commission for the IEC document. Line Drivers The RS422 line drivers for both the CS8401A and CS8402A are low skew, low impedance, dif- ferential outputs capable of driving 110 Ω transmission lines with a 4 volt peak-to-peak sig- nal when configured as shown in Appendix A. To prevent possible short circuits, both drivers are set to ground when no master clock (MCK) is provided. They can also be disabled by reset- ting the device (RST = low). Appendix A contains more information on the line drivers. A 0.1 µF capacitor, with short leads, should be placed as close as possible to the VD+ and GND pins. CS8401A DESCRIPTION The CS8401A accepts 16- to 24-bit audio samples through a configurable serial port, and channel status, user, and auxiliary data through an 8-bit parallel port. The parallel port allows access to 32 bytes of internal memory which is used to store control information and buffer channel status, user, and auxiliary data. This data is multiplexed with the audio data from the serial port, the parity bit is generated, and the bit stream is biphase-mark encoded and driven through an RS422 line driver. A block diagram of the CS8401A is shown in Figure 4. In accordance with the professional definition of channel status, the CRCC code (C.S. byte 23) can be internally gener- ated. Parallel Port The parallel port accesses one status register, three control registers, and 28 bytes of dual port buffer memory. The address bus, and RD/WR line must be valid when CS goes low. If RD/WR is low, the value on the data bus will be written into the buffer mem- ory at the specified address. If RD/WR is high, the value in the buffer memory, at the specified address, is placed on the data bus. The detailed timing for reading and writing the CS8401A can be found in the Digital Switching Characteristics table. The memory space is allocated as shown in Figure 5. There are three defined buffer memory modes select- able by two bits in control register 2. Status and Control Registers Upon power up the CS8401A control registers contain all zeros. Therefore, the part is initially in reset and is muted. One’s must be written to control register 2, bits RST and MUTE, before the part will transmit data. The remaining regis- ters are not initialized on power-up and may contain random data. The first register, shown in Figure 6, is the status register in which only three bits are valid. The lower three bits contain flags indicating the position of the transmit pointer in the buffer memory. These flags CS8401A CS8402A DS60F1 7 |
同様の部品番号 - CS8401A-IS |
|
同様の説明 - CS8401A-IS |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |