データシートサーチシステム |
|
SS-24D28-GNS データシート(PDF) 10 Page - C&K Components |
|
SS-24D28-GNS データシート(HTML) 10 Page - C&K Components |
10 / 38 page SCHEMATIC PIERCING PLAN 2 2 2 TYP.10 Ø0.8 c c c c 2 P - 3 T 12 3 4.5 P 22 8.5 20 14.5 24 TRAVEL 3 Ø2.2 TYP.2 0.45 TYP.10 13.2 22 22 0.5 2.5 0.35 P DETAIL 2:1 HG = Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 300 ± 100 gf (2.94 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated I–106 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com SS-23D32-HG NS 2P3T NON-SHORTING SS-23D33-HG NS 2P3T NON-SHORTING I c c 1 c 23 c 2 P - 3 T SCHEMATIC PIERCING PLAN 2 2 Ø0.8 TYP.10 2 P DETAIL 2:1 HG = 22 22 0.5 P 4.5 2 2 TRAVEL 8.5 20 14.5 24 2.5 0.35 3 TYP.2 Ø2.2 0.45 TYP.10 13.2 Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 300 ± 100 gf (2.94 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
同様の部品番号 - SS-24D28-GNS |
|
同様の説明 - SS-24D28-GNS |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |