データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-13F28-GNS データシート(PDF) 3 Page - C&K Components

部品番号 SS-13F28-GNS
部品情報  Miniature Slide Switches
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SS-13F28-GNS データシート(HTML) 3 Page - C&K Components

  SS-13F28-GNS Datasheet HTML 1Page - C&K Components SS-13F28-GNS Datasheet HTML 2Page - C&K Components SS-13F28-GNS Datasheet HTML 3Page - C&K Components SS-13F28-GNS Datasheet HTML 4Page - C&K Components SS-13F28-GNS Datasheet HTML 5Page - C&K Components SS-13F28-GNS Datasheet HTML 6Page - C&K Components SS-13F28-GNS Datasheet HTML 7Page - C&K Components SS-13F28-GNS Datasheet HTML 8Page - C&K Components SS-13F28-GNS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
SS-22D0205-G 2 -LT DPDT NON-SHORTING
I–99
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
I
SCHEMATIC
2
PIERCING PLAN
5
6-3X0.8
LAND
2P - 2T
1
Ø13.4
Ø2.2
Ø24.8
2.2
Ø2.8
3.6
1.5
1.5
2 TRAVEL
3.6
9
0.5
7.5
2.5
2.5
6.1
12
0.4
Ø1.5
44
TYP.6
TOTAL 900PCS PER REEL
16.5
Ø330
Ø75
Ø290
Ø95
2
P
Specifications
CONTACT RATING: 0.3A @ 6 VDC
INITIAL CONTACT RESISTANCE: 70 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: PA
COVER: SUS
HOUSING: PA
CONTACT: Silver clad
TERMINAL: Silver plated
SS Series
Miniature Slide Switches


同様の部品番号 - SS-13F28-GNS

メーカー部品番号データシート部品情報
logo
C&K Components
SS-13008-VG CK-COMPONENTS-SS-13008-VG Datasheet
1Mb / 34P
   Miniature Slide Switches
3 Jan 23
SS-13008-VG CK-COMPONENTS-SS-13008-VG Datasheet
1Mb / 34P
   Miniature Slide Switches
3 Jan 23
logo
Samtec, Inc
SS-132-G-1A SAMTEC-SS-132-G-1A Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-132-G-1B SAMTEC-SS-132-G-1B Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-132-G-1C SAMTEC-SS-132-G-1C Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
More results

同様の説明 - SS-13F28-GNS

メーカー部品番号データシート部品情報
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com